| 전자부품 데이터시트 검색엔진 |
|
DSPIC30F 데이터시트(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F 데이터시트(HTML) 56 Page - Microchip Technology |
|
56 / 248 page ![]() dsPIC30F DS70083G-page 54 Preliminary 2004 Microchip Technology Inc. FIGURE 4-3: BIT-REVERSED ADDRESS EXAMPLE TABLE 4-3: BIT-REVERSED ADDRESS SEQUENCE (16-ENTRY) TABLE 4-4: BIT-REVERSED ADDRESS MODIFIER VALUES Normal Address Bit-Reversed Address A3 A2 A1 A0 Decimal A3 A2 A1 A0 Decimal 0000 0 0000 0 0001 1 1000 8 0010 2 0100 4 0011 3 1100 12 0100 4 0010 2 0101 5 1010 10 0110 6 0110 6 0111 7 1110 14 1000 8 0001 1 1001 9 1001 9 1010 10 0101 5 1011 11 1101 13 1100 12 0011 3 1101 13 1011 11 1110 14 0111 7 1111 15 1111 15 Buffer Size (Words) XB<14:0> Bit-Reversed Address Modifier Value 32768 0x4000 16384 0x2000 8192 0x1000 4096 0x0800 2048 0x0400 1024 0x0200 512 0x0100 256 0x0080 128 0x0040 64 0x0020 32 0x0010 16 0x0008 8 0x0004 4 0x0002 2 0x0001 b3 b2 b1 0 b2 b3 b4 0 Bit Locations Swapped Left-to-Right Around Center of Binary Value Bit-Reversed Address XB = 0x0008 for a 16-word Bit-Reversed Buffer b7 b6 b5 b1 b7 b6 b5 b4 b11 b10 b9 b8 b11 b10 b9 b8 b15 b14 b13 b12 b15 b14 b13 b12 Sequential Address Pivot Point |