| 전자부품 데이터시트 검색엔진 |
|
S12SCIV3/D 데이터시트(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S12SCIV3/D 데이터시트(HTML) 49 Page - NXP Semiconductors |
|
49 / 98 page ![]() MC9S12KG128 SoC Guide — V01.01 $FFD0, $FFD1 Reserved I-Bit Reserved $D0 $FFCE, $FFCF Port J I-Bit PIEJ (PIEJ7, PIEJ6, PIEJ1, PIEJ0) $CE $FFCC, $FFCD Port H I-Bit PIEH (PIEH7-0) $CC $FFCA, $FFCB Reserved I-Bit Reserved $CA $FFC8, $FFC9 I-Bit $C8 $FFC6, $FFC7 CRG PLL lock I-Bit CRGINT (LOCKIE) $C6 $FFC4, $FFC5 CRG Self Clock Mode I-Bit CRGINT (SCMIE) $C4 $FFC2, $FFC3 FLASH Double Fault Detect I-Bit FCNFG (DFDIE) $C2 $FFC0, $FFC1 IIC Bus I-Bit IBCR (IBIE) $C0 $FFBE, $FFBF SPI1 I-Bit SPICR1 (SPIE, SPTIE) $BE $FFBC, $FFBD SPI2 I-Bit SPICR1 (SPIE, SPTIE) $BC $FFBA, $FFBB EEPROM coomand I-Bit ECNFG (CCIE, CBEIE) $BA $FFB8, $FFB9 FLASH command I-Bit FCNFG (CCIE, CBEIE) $B8 $FFB6, $FFB7 CAN0 wake-up I-Bit CANRIER (WUPIE) $B6 $FFB4, $FFB5 CAN0 errors I-Bit CANRIER (CSCIE, OVRIE) $B4 $FFB2, $FFB3 CAN0 receive I-Bit CANRIER (RXFIE) $B2 $FFB0, $FFB1 CAN0 transmit I-Bit CANTIER (TXEIE2 - TXEIE0) $B0 $FFAE, $FFAF Reserved I-Bit Reserved $AE $FFAC, $FFAD I-Bit $AC $FFAA, $FFAB I-Bit $AA $FFA8, $FFA9 I-Bit $A8 $FFA6, $FFA7 I-Bit $A6 $FFA4, $FFA5 I-Bit $A4 $FFA2, $FFA3 I-Bit $A2 $FFA0, $FFA1 I-Bit $A0 $FF9E, $FF9F I-Bit $9E $FF9C, $FF9D I-Bit $9C $FF9A, $FF9B I-Bit $9A $FF98, $FF99 I-Bit $98 $FF96, $FF97 CAN4 wake-up I-Bit CANRIER (WUPIE) $96 $FF94, $FF95 CAN4 errors I-Bit CANRIER (CSCIE, OVRIE) $94 $FF92, $FF93 CAN4 receive I-Bit CANRIER (RXFIE) $92 $FF90, $FF91 CAN4 transmit I-Bit CANTIER (TXEIE2 - TXEIE0) $90 $FF8E, $FF8F Port P I-Bit PIEP (PIEP7-0) $8E $FF8C, $FF8D PWM Emergency Shutdown I-Bit PWMSDN (PWMIE) $8C $FF80 to $FF8B Reserved Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |