| 전자부품 데이터시트 검색엔진 |
|
HC05RC17GRS/D 데이터시트(PDF) 102 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D 데이터시트(HTML) 102 Page - NXP Semiconductors |
|
102 / 128 page ![]() Instruction Set General Release Specification MC68HC05RC17 — Rev. 2.0 Instruction Set 11.4.4 Bit Manipulation Instructions The CPU can set or clear any writable bit in the first 256 bytes of memory, which includes I/O registers and on-chip RAM locations. The CPU can also test and branch based on the state of any bit in any of the first 256 memory locations. Table 11-4. Bit Manipulation Instructions Instruction Mnemonic Bit Clear BCLR Branch if Bit Clear BRCLR Branch if Bit Set BRSET Bit Set BSET Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |