전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRF4012W 데이터시트(PDF) 3 Page - Guerrilla RF, Inc.

부품명 GRF4012W
상세설명  LOW NOISE GAIN BLOCK 0.4 to 4.2 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF4012W 데이터시트(HTML) 3 Page - Guerrilla RF, Inc.

  GRF4012W Datasheet HTML 1Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 2Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 3Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 4Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 5Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 6Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 7Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 8Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
GRF4012W Low Noise Gain Block 0.4 to 4.2 GHz
RELEASE A DATA SHEET
Guerrilla RF Proprietary Information. • ©2023 Guerrilla RF, Inc. • All rights reserved. • March 24, 2023
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 2000 Pisgah Church Road. Greensboro, NC 27455
3
Pin Assignments
Pin
Name
Description
Note
1
VENABLE
Enable Voltage Input
VENABLE and series resistor set IDDQ. VENABLE ≤ 0.2 volts disables device.
2, 5, 6
GND/NC
Ground or No Connect
No internal connection to die. We recommend connecting these pins to GND.
3
RF_IN
RF Input
Internally matched 50 Ω. An external DC blocking capacitor must be used.
4
RF_OUT/VDD
RF Output
Internally matched 50 Ω. VDD must be applied through a choke to this pin.
PKG BASE
GND
Ground
Provides DC and RF ground for LNA, as well as thermal heat sink. Recommend multiple
8 mil vias beneath the package for optimal RF and thermal performance. Refer to
evaluation board top layer graphic on schematic page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com