전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRF4012W 데이터시트(PDF) 7 Page - Guerrilla RF, Inc.

부품명 GRF4012W
상세설명  LOW NOISE GAIN BLOCK 0.4 to 4.2 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF4012W 데이터시트(HTML) 7 Page - Guerrilla RF, Inc.

Back Button GRF4012W Datasheet HTML 3Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 4Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 5Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 6Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 7Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 8Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 9Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 10Page - Guerrilla RF, Inc. GRF4012W Datasheet HTML 11Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
GRF4012W Low Noise Gain Block 0.4 to 4.2 GHz
RELEASE A DATA SHEET
Guerrilla RF Proprietary Information. • ©2023 Guerrilla RF, Inc. • All rights reserved. • March 24, 2023
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 2000 Pisgah Church Road. Greensboro, NC 27455
7
Nominal Operating Parameters – RF
The following conditions apply unless noted otherwise: Typical Application Schematic using the 2.32 to 2.345 GHz tuning set. M5 = 3 kΩ, VDD = 5 V,
VENABLE = 5 V, IDD = 50 mA. FTEST = 2332.5 MHz. TPKG HEAT SINK = 25 °C. Evaluation board losses are included within the specifications.
Parameter
Symbol
Specification
Unit
Condition
Min.
Typ.
Max.
Gain
S21
15.5
17.8
dB
Reverse Isolation
S12
> 23
dB
SDARS Tune
Evaluation Board Noise Figure
NF
0.9
dB
Output 3rd Order Intercept
OIP3
33
dBm
2 dBm POUT per tone at 2 MHz Spacing
Output 1 dB Compression Power
OP1dB
19
22.5
dBm
Typical Operating Curve Conditions
The following conditions apply unless noted otherwise: Typical Application Schematic using the 2.32 to 2.345 GHz tuning set. M5 = 3 kΩ, VDD = 5 V,
VENABLE = 5 V, IDD = 50 mA. FTEST = 2332.5 MHz. TPKG HEAT SINK = 25 °C. Evaluation board losses are included within the plots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com