전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7294 데이터시트(PDF) 41 Page - Analog Devices

부품명 AD7294
상세설명  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7294 데이터시트(HTML) 41 Page - Analog Devices

Back Button AD7294 Datasheet HTML 37Page - Analog Devices AD7294 Datasheet HTML 38Page - Analog Devices AD7294 Datasheet HTML 39Page - Analog Devices AD7294 Datasheet HTML 40Page - Analog Devices AD7294 Datasheet HTML 41Page - Analog Devices AD7294 Datasheet HTML 42Page - Analog Devices AD7294 Datasheet HTML 43Page - Analog Devices AD7294 Datasheet HTML 44Page - Analog Devices AD7294 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 41 of 45
EVALUATION BOARD FOR THE AD7294
The AD7294 evaluation board consists of the AD7294 LFCSP
package along with two RSENSE resistors and a number of SMB
sockets and jumpers, which allow access to the various on-chip
functionalities of the AD7294. Other on-board components are
used to interface the part to the PC, such as an EEPROM, a
USB Microcontroller and a voltage regulator. More information,
on the AD7294 evaluation board, is available in the EVAL-
AD7294EB application note and should be consulted when
evaluating the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45