| 전자부품 데이터시트 검색엔진 |
|
AD7294 데이터시트(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7294 데이터시트(HTML) 31 Page - Analog Devices |
|
31 / 45 page ![]() Preliminary Technical Data AD7294 SERIAL BUS ADDRESS BYTE The first byte the user writes to the device is the Serial Bus Address Byte. Like all I2C-compatible devices the AD7294 has a 7-bit serial address. The 5 LSBs are user programmable by the 3 three-state input pins as shown in Table 25 where Z refers to a pin left floating. Table 25. Serial Address control using 3-State Input Pins AS2 AS1 AS0 A4 A3 A2 A1 A0 0 0 0 0 0 0 0 1 0 0 1 0 0 0 1 0 0 0 Z 0 0 0 1 1 0 1 0 0 0 1 0 0 0 1 1 0 0 1 0 1 0 1 Z 0 0 1 1 0 0 Z 0 0 0 1 1 1 0 Z 1 0 1 0 0 0 0 Z Z 0 1 0 0 1 1 0 0 0 1 0 1 0 1 0 1 0 1 0 1 1 1 0 Z 0 1 1 0 0 1 1 0 0 1 1 0 1 1 1 1 0 1 1 1 0 1 1 Z 0 1 1 1 1 1 Z 0 1 0 0 0 0 1 Z 1 1 0 0 0 1 1 Z Z 1 0 0 1 0 Z 0 0 1 0 0 1 1 Z 0 1 1 0 1 0 0 Z 0 Z 1 0 1 0 1 Z 1 0 1 0 1 1 0 Z 1 1 1 0 1 1 1 Z 1 Z 1 1 0 0 0 Z Z 0 1 1 0 0 1 Z Z 1 1 1 0 1 0 Z Z Z 1 1 0 1 1 Rev. PrB | Page 31 of 45 |