| 전자부품 데이터시트 검색엔진 |
|
A121-001-R 데이터시트(PDF) 7 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A121-001-R 데이터시트(HTML) 7 Page - Acconeer AB |
|
7 / 29 page ![]() A121 Pulsed Coherent Radar (PCR) Datasheet v1.0 Page 7 of 29 2023-03-30 © 2023 Copyright by Acconeer 3 Pin Configuration and Functions The below figure shows the A121 pin configuration, top view: 1 2 3 4 5 6 7 8 9 10 A Analog0 CTRL B Analog1 GPIO3 C VRX VTX GND D VRX VTX Supply E PLL_RF _TEST I/O F GPIO1 ENABLE CLK G Analog H GPIO2 XOUT J RESET_N SPI_SS VDIG XIN K SPI_CLK SPI_MISO GPIO4 SPI_MOSI INTERRUPT VIO Figure 3.1. Pin configuration of the A121 sensor, top view. Table 1 shows A121 pin functions. Pin Pin name Pin type Description Comment A3-A8, B2, B9, C1, C10, D2, D9, E1, E2, E9, F2, F9, G1, G10, H2, H9, J3, J5, J6, J8, K4, K7 GND Ground Must be connected to solid ground plane A2 Analog0 Analog Not connected or ground. Ground recommended for optimized ground plane. A9 CTRL I/O For future use. Connect to ground B1 Analog1 Analog Not connected or ground. Ground recommended for optimized ground plane. B10 GPIO3 I/O For future use. Connect to ground C2, D1 VRX Supply voltage Supply voltage, RF part C9, D10 VTX Supply voltage Supply voltage, RF part |