| 전자부품 데이터시트 검색엔진 |
|
A121-001-R 데이터시트(PDF) 13 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A121-001-R 데이터시트(HTML) 13 Page - Acconeer AB |
|
13 / 29 page ![]() A121 Pulsed Coherent Radar (PCR) Datasheet v1.0 Page 13 of 29 2023-03-30 © 2023 Copyright by Acconeer 4.8 Distance Resolution Table 10 summarizes the distance resolution given as FWHM amplitude in terms of typical mean value and standard deviation over units for all profiles at Top = -40ºC to 105ºC. Distance resolution gives the minimum measurable radial distance between two objects. Profile T ( °C) Typ. Unit mean Std. 1 -40 48 1.8 mm 1 25 43 1.2 mm 1 105 38 1.1 mm 2 -40 81 2.4 mm 2 25 80 2.0 mm 2 105 78 2.1 mm 3 -40 146 3.1 mm 3 25 138 2.4 mm 3 105 131 2.3 mm 4 -40 209 4.8 mm 4 25 203 5.6 mm 4 105 194 5.2 mm 5 -40 353 18.9 mm 5 25 346 20.3 mm 5 105 328 15.2 mm Table 10. Distance resolution |