전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD16NF06L 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STD16NF06L
상세설명  N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NF06L 데이터시트(HTML) 1 Page - STMicroelectronics

  STD16NF06L Datasheet HTML 1Page - STMicroelectronics STD16NF06L Datasheet HTML 2Page - STMicroelectronics STD16NF06L Datasheet HTML 3Page - STMicroelectronics STD16NF06L Datasheet HTML 4Page - STMicroelectronics STD16NF06L Datasheet HTML 5Page - STMicroelectronics STD16NF06L Datasheet HTML 6Page - STMicroelectronics STD16NF06L Datasheet HTML 7Page - STMicroelectronics STD16NF06L Datasheet HTML 8Page - STMicroelectronics STD16NF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 1
January 2006
1/11
11
STD16NF06
N-Channel 60V - 0.060
Ω - 16A - DPAK
STripFET™ II Power MOSFET
General features
■
Typical RDS(on) = 0.060Ω
■
Exceptional dv/dt Capability
■
100% Avalanche Tested
■
Application Oriented Characterization
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a
remarkable manufacturing reproducibility
Applications
■
Audio Amplifiers
■
Power Tools
■
Automotive Environment
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD16NF06
60V
<0.070
Ω
16A
1
3
DPAK
TO-252
www.st.com
Order codes
Part Number
Marking
Package
Packaging
STD16NF06T4
D16NF06
TO-252
TAPE & REEL


유사한 부품 번호 - STD16NF06L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
STD16NF06L-1 STMICROELECTRONICS-STD16NF06L-1 Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
logo
VBsemi Electronics Co.,...
STD16NF06L-1 VBSEMI-STD16NF06L-1 Datasheet
963Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD16NF06LT4 STMICROELECTRONICS-STD16NF06LT4 Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
logo
VBsemi Electronics Co.,...
STD16NF06LT4 VBSEMI-STD16NF06LT4 Datasheet
897Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
More results

유사한 설명 - STD16NF06L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD30PF03L STMICROELECTRONICS-STD30PF03L Datasheet
320Kb / 8P
P-CHANNEL 30V - 0.025Ω - 24A DPAK/IPAK STripFET™ II POWER MOSFET
May-2002
STD20NF06 STMICROELECTRONICS-STD20NF06 Datasheet
342Kb / 13P
N-CHANNEL 60V - 0.032OHM - 24A DPAK STripFET™ II POWER MOSFET
20-Feb-2007
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
19-Feb-2007
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
N-channel 60V - 0.08Ω - 12A - DPAK - IPAK STripFET™II Power MOSFET
19-Feb-2007
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
03-Jul-2006
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
10-Jan-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com