| 전자부품 데이터시트 검색엔진 |
|
DSP56721 데이터시트(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56721 데이터시트(HTML) 4 Page - NXP Semiconductors |
|
4 / 54 page ![]() Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5 Freescale Semiconductor 4 1 Pin Assignments DSP56720 devices are available in one package type; DSP56721 devices are available in two package types. For the pin assignments of a specific device in a specific package, refer to Section 1.1, “Pinout for DSP56720 144-Pin Plastic LQFP Package,” through Section 1.3, “Pinout for DSP56721 144-Pin Plastic LQFP Package.” For more detailed information about signals, refer to the Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors Reference Manuall (DSP56720RM). Table 1. Pin Assignments by Package Device Package See DSP56720 144-pin plastic LQFP Figure 3 on page 5 DSP56721 80-pin plastic LQFP Figure 4 on page 6 144-pin plastic LQFP Figure 5 on page 7 |