전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL2-ICS20 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 SL2-ICS20
상세설명  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button SL2-ICS20 Datasheet HTML 12Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 13Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 14Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 15Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 16Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 17Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 18Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 19Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
16
Example: mask length=30
Returned: 64-4-30=30 gives 4 bytes
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
UID
mask value incl. padding with zeros
transmitted by
Interrogator
returned value
transmitted by
I
•CODE SLI IC
3.4.3.2 Fast inventory read
Command Code = A1 hex
When receiving the fast inventory read command the I
•CODE SLI IC behaves the same as in the inventory
read command with the following exceptions:
The datarate in the direction I
•CODE SLI IC to the interrogator is twice as defined in ISO/IEC 15693-3
(depending on the datarate_flag 53 kbit/s (high datarate) or 13 kbit/s (low datarate)).
The datarate from the interrogator to the I
•CODE SLI IC and the time between the rising edge of the EOF
from the interrogator to the I
•CODE SLI IC remain unchanged (stay the same as defined in ISO/IEC 15693-
3).
In the direction I
•CODE SLI IC to the interrogator only the single subcarrier mode is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25