| 전자부품 데이터시트 검색엔진 |
|
SL2-ICS20 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2-ICS20 데이터시트(HTML) 7 Page - NXP Semiconductors |
|
7 / 25 page ![]() Philips Semiconductors Product Specification Rev. 3.1 February 2005 Functional Specification Standard Label IC SL2 ICS20 7 3.2 Memory Organisation The 1024 bit EEPROM memory is divided into 32 blocks. A block is the smallest access unit. Each block consists of 4 bytes (1 block = 32 bits). Bit 0 in each byte represents the least significant bit (LSB) and bit 7 the most significant bit (MSB), respectively. Byte 0 Byte 1 Byte 2 Byte 3 Block –4 UID0 UID1 UID2 UID3 Unique Identifier (lower bytes) Block –3 UID4 UID5 UID6 UID7 Unique Identifier (higher bytes) Block –2 Internally used EAS AFI DSFID EAS, AFI, DSFID Block –1 00 00 00 00 Write Access Conditions Block 0 x x x x User Data Block 1 x x x x Block 2 x x x x Block 3 x x x x Block 4 x x x x Block 5 x x x x Block 6 x x x x Block 7 x x x x Block 8 x x x x Block 9 x x x x Block 10 x x x x Block 11 x x x x Block 12 x x x x Block 13 x x x x Block 14 x x x x Block 15 x x x x Block 16 x x x x Block 17 x x x x Block 18 x x x x Block 19 x x x x Block 20 x x x x Block 21 x x x x Block 22 x x x x Block 23 x x x x Block 24 x x x x Block 25 x x x x Block 26 x x x x Block 27 x x x x User Data The values (in hexadecimal notation) shown in the table above are stored in the EEPROM after the wafer production process. The contents of blocks marked with ‘x’ in the table are not defined at delivery. With read and write commands only blocks 0 to 27 can be addressed. |