전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FXPS7115D4S 데이터시트(PDF) 22 Page - NXP Semiconductors

부품명 FXPS7115D4S
상세설명  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S 데이터시트(HTML) 22 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 18Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 19Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 20Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
"Exception handling". The sensor data included in the response is the sensor data at the falling edge of SS_B
for the sensor data request response.
7.5.3.3.1 Sensor data request command message format
MSB: bit 31; LSB: bit 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Command
Fixed bits: must = 0 0000h
8-bit CRC
C[3:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CRC[7:0]
Table 21. Sensor data request command message format
Bit field
Definition
C[0]
Sensor data request command = '1'
C[3:1] = SOURCEID[2:0]
Source identification code for the requested sensor data
CRC[7:0]
8-bit CRC
Table 22. Sensor data request command message bit field descriptions
7.5.3.3.2 Sensor data request response message format
MSB: bit 31; LSB: bit 0
31 30 29 28 27
26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Command
Basic
Status
Sensor Data
Detail
Status
8-bit CRC
C[0], [3:1]
ST[1:0]
SD[11:0]
Optional SD
resolution
SF[1:0]
CRC[7:0]
Table 23. Sensor data request response message format – 12 bit data length
Bit field
Definition
C[0]
Sensor data request command = '1'
C[3:1] = SOURCEID[2:0]
Source identification code for the requested sensor data
ST[1:0]
Basic Status
SD[11:0]
Sensor data
Optional SD resolution
Optional for 16-bit Sensor data. Refer to Section 7.3.3.4.
SF[1:0]
Detailed status
CRC[7:0]
8-bit CRC
Table 24. Sensor data request response message bit field descriptions
7.5.3.4 Reserved commands
The device responds to reserved commands on the next SPI message subject to the error handling conditions
specified in Section 7.5.5 "Exception handling".
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
22 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com