전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FXPS7115D4S 데이터시트(PDF) 51 Page - NXP Semiconductors

부품명 FXPS7115D4S
상세설명  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S 데이터시트(HTML) 51 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
7
6
5
4
3
2
1
0
Symbol
ASICWLOT_H[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 100. ASICWLOT_H Register (address D1h) bit allocation
7.7.28 USERDATA_0 to USERDATA_E - user data registers
User data registers are user programmable OTP registers that contain user-specific information. These
registers are included in the user programmed OTP array error detection. These registers are readable and
writable in SPI mode or I2C mode when ENDINIT is not set.
7.7.29 USERDATA_10 to USERDATA_1E - user data registers
User data registers are user programmable OTP registers that contain user-specific information. These
registers are included in the user programmed OTP array error detection. These registers are readable and
writable in SPI mode or I2C mode when ENDINIT is not set.
7.7.30 Lock and CRC Registers
The lock and CRC Registers are automatically programmed OTP registers that include the lock bit, the block
identifier, and the block OTP array CRC use for error detection. These registers are automatically programmed
when the corresponding data array is programmed to OTP using the Write OTP Enable register.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
5Fh
CRC_UF2
LOCK_UF2
0
0
0
CRC_UF2[3:0]
Factory Default
0
0
0
0
0
0
0
0
AFh
CRC_F_A
LOCK_F_A
REGA_BLOCKID[2:0]
CRC_F_A[3:0]
Factory Default
1
0
0
1
varies
BFh
CRC_F_B
LOCK_F_B
REGB_BLOCKID[2:0]
CRC_F_B[3:0]
Factory Default
1
0
1
0
varies
CFh
CRC_F_C
LOCK_F_C
REGC_BLOCKID[2:0]
CRC_F_C[3:0]
Factory Default
1
0
1
1
varies
DFh
CRC_F_D
LOCK_F_D
REGD_BLOCKID[2:0]
CRC_F_D[3:0]
Factory Default
1
1
0
1
varies
EFh
CRC_F_E
LOCK_F_E
REGE_BLOCKID[2:0]
CRC_F_E[3:0]
Factory Default
0
0
0
0
0
0
0
0
FFh
CRC_F_F
LOCK_F_F
REGF_BLOCKID[2:0]
CRC_F_F[3:0]
Factory Default
0
0
0
0
0
0
0
0
Table 101. Lock and CRC Register bit definitions
7.7.31 Reserved registers
A register read command to a reserved register or a register with reserved bits results in a valid response. The
data for reserved bits may be '0' or '1'.
A register write command to a reserved register or a register with reserved bits executes and results in a valid
response. The data for the reserved bits may be '0' or '1'. A write to the reserved bits must always be '0' for
normal device operation and performance.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
51 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com