전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GR-503GG 데이터시트(PDF) 3 Page - Yuechung International Corp.

부품명 GR-503GG
상세설명  GPS & GLONASS Receiver (G-Mouse)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YIC [Yuechung International Corp.]
홈페이지  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

GR-503GG 데이터시트(HTML) 3 Page - Yuechung International Corp.

  GR-503GG Datasheet HTML 1Page - Yuechung International Corp. GR-503GG Datasheet HTML 2Page - Yuechung International Corp. GR-503GG Datasheet HTML 3Page - Yuechung International Corp. GR-503GG Datasheet HTML 4Page - Yuechung International Corp. GR-503GG Datasheet HTML 5Page - Yuechung International Corp. GR-503GG Datasheet HTML 6Page - Yuechung International Corp. GR-503GG Datasheet HTML 7Page - Yuechung International Corp. GR-503GG Datasheet HTML 8Page - Yuechung International Corp. GR-503GG Datasheet HTML 9Page - Yuechung International Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GR Series
Yuechung International Corp. (YIC)
3
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
1.5 DC Electrical characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Voltage
VCC
3.3
5.0
5.5
V
Input Backup Battery
Voltage
V_BCKP
2.8
3.6
V
Supply Current
Iss
VCC = 3.3V,
w/o active antenna,
Peak
Acquisition
Tracking
Standby
50
50
45(2)
650
150(1)
mA
mA
mA
uA
Backup Battery Current
Ibat
VCC = 0V
20
uA
High Level Input Voltage
VIH
-3
-5
V
Low Level Input Voltage
VIL
3
5
V
High Level Input Current
IIH
no pull-up or down
1
5
uA
Low Level Input Current
IIL
no pull-up or down
1
2
uA
High Level Output Voltage VOH
-3
-5
V
Low Level Output Voltage
VOL
3
5
V
High Level Output Current IOH
1
4
mA
Low Level Output Current
IOL
1
4
mA
Note 1: This happens when downloading AGPS data to Module.
Note 2: Measured when position fix (1Hz) is available, input voltage is 3.3V and the function of self-generated
ephemeris prediction is inactive.
Temperature characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Operating Temperature
Topr
-40
25
85
Storage Temperature
Tstg
-40
25
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com