전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GR-503GG 데이터시트(PDF) 5 Page - Yuechung International Corp.

부품명 GR-503GG
상세설명  GPS & GLONASS Receiver (G-Mouse)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YIC [Yuechung International Corp.]
홈페이지  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

GR-503GG 데이터시트(HTML) 5 Page - Yuechung International Corp.

  GR-503GG Datasheet HTML 1Page - Yuechung International Corp. GR-503GG Datasheet HTML 2Page - Yuechung International Corp. GR-503GG Datasheet HTML 3Page - Yuechung International Corp. GR-503GG Datasheet HTML 4Page - Yuechung International Corp. GR-503GG Datasheet HTML 5Page - Yuechung International Corp. GR-503GG Datasheet HTML 6Page - Yuechung International Corp. GR-503GG Datasheet HTML 7Page - Yuechung International Corp. GR-503GG Datasheet HTML 8Page - Yuechung International Corp. GR-503GG Datasheet HTML 9Page - Yuechung International Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
GR Series
Yuechung International Corp. (YIC)
5
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
I/O Interface
Voltage level
4 pin Molex Connector
RS232 level
Pin
Pin define
Level
1
Vcc
3.0—5.0V DC
2
GND
Ground
3
TXD
RS232 output
4
RXD
RS232 Input
LED
GPS Status
Blinking Once: Power on
LED Blinking : Position fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com