전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS601M-02ILF 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 ICS601M-02ILF
상세설명  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601M-02ILF 데이터시트(HTML) 6 Page - Renesas Technology Corp

  ICS601M-02ILF Datasheet HTML 1Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 2Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 3Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 4Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 5Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 6Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 7Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 8Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ICS601-02
LOW PHASE NOISE CLOCK MULTIPLIER
SYNTHESIZERS
IDT™ LOW PHASE NOISE CLOCK MULTIPLIER
6
ICS601-02
REV G 051310
Package Outline and Package Dimensions (16 pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS601M-02ILF
601M-02ILF
Tubes
16-pin SOIC
-40 to +85
° C
ICS601M-02ILFT
601M-02ILF
Tape and Reel
16-pin SOIC
-40 to +85
° C
IN D E X
AR E A
1
2
16
D
E
SEAT IN G
PLAN E
A1
A
e
- C -
B
.1 0 (.0 04)
C
C
L
H
SOIC
Symbol
Min
Max
A1.35
1.75
A1
0.10
0.25
B0.33
0.51
C0.19
0.25
D
9.80
10.00
E3.80
4.00
e
1.27 BASIC
H5.80
6.20
L0.40
1.27
α
0
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com