전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS601M-02ILF 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 ICS601M-02ILF
상세설명  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601M-02ILF 데이터시트(HTML) 2 Page - Renesas Technology Corp

  ICS601M-02ILF Datasheet HTML 1Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 2Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 3Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 4Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 5Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 6Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 7Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 8Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS601-02
LOW PHASE NOISE CLOCK MULTIPLIER
SYNTHESIZERS
IDT™ LOW PHASE NOISE CLOCK MULTIPLIER
2
ICS601-02
REV G 051310
Pin Assignment
Multiplier Select Table
0 = connect directly to ground
1 = connect directly to VDD
Pin Descriptions
1
2
3
VDD
4
VDDP
5
6
GND
7
8
GND
GND
S3
S1
GND
X2
S2
VDD
16
CLK
VDD
X1/ICLK
S0
OE
15
14
13
12
11
10
9
16-pin SOIC
S3
S2
S1 S0
CLK
00
0
0
Input x4/3
00
01
Input x4
00
1
0
Input x25/4
00
11
Input x3
01
0
0
Input x7.5
01
01
Input x5
01
10
Input x6
01
11
Input x8
10
0
0
Input x8/3
10
01
Input x8
10
1
0
Input x12.5
10
11
Input x6
11
0
0
Input x15
11
0
1
Input x10
11
1
0
Input x12
11
1
1
Input x16
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
CLK
Output
Clock output from VCO. Output frequency equals the input frequency times multiplier.
2
VDDP
Power
Supply pin for CLK output buffer. Sets output clock amplitude. Connect to 2.5V or 3.3V.
3
VDD
Power
Connect to +3.3V or +5V. Must match other VDDs.
4
VDD
Power
Connect to +3.3V or +5V. Must match other VDDs.
5
VDD
Power
Connect to +3.3V or +5V. Must match other VDDs.
6
X2
XO
Crystal connection. Connect to a 10 - 27 MHz fundamental parallel mode crystal.
7
S1
Input
Multiplier select pin 1. Determines CLK output per table above. Internal pull-up.
8
X1/ICLK
XI
Crystal connection. Connect to a 10-27 MHz fundamental parallel mode crystal, or clock.
9
S2
Input
Multiplier select pin 2. Determines CLK output per table above. Internal pull-up.
10
S3
Input
Multiplier select pin 3. Determines CLK output per table above. Internal pull-up.
11
S0
Input
Multiplier select pin 0. Determines CLK output per table above. Internal pull-up.
12
OE
Input
Output Enable. Tri-states the output clock when low. Internal pull-up.
13
GND
Power
Connect to ground.
14
GND
Power
Connect to ground.
15
GND
Power
Connect to ground.
16
GND
Power
Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com