| 전자부품 데이터시트 검색엔진 |
|
AM79C901AVCT 데이터시트(PDF) 17 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C901AVCT 데이터시트(HTML) 17 Page - Advanced Micro Devices |
|
17 / 90 page ![]() Am79C901A 17 PR ELI M IN AR Y ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I = Industrial (–40 °C to +85°C) SPEED OPTION PACKAGE TYPE Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Valid Combinations DEVICE NUMBER/DESCRIPTION Not applicable J = Plastic Leaded Chip Carrier (PL 068) V = Thin Plastic Quad Flat Pack (PQT 80) Am79C901A HomePHY Single-Chip 1/10 Mbps Home Networking PHY Valid Combinations Am79C901A JC, JC\T VC, VI ALTERNATE PACKAGING OPTIO N \T = Tape and Reel C\I J\V \T Am79C901A |