전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C901AVCT 데이터시트(PDF) 87 Page - Advanced Micro Devices

부품명 AM79C901AVCT
상세설명  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT 데이터시트(HTML) 87 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 82Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 83Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 84Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 85Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 86Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 87Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 88Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 89Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 90Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
Am79C901A
87
PR ELI M IN AR Y
AC CHARACTERISTICS (CONCLUDED)
External Clock (XTAL1)
Figure 22.
External Clock Timing
Reset
No.
Symbol
Parameter Description
Min
Max
Unit
119
tPER
Cycle time
16.665
16.669
ns
120
tPWH
Cycle HIGH time
0.4 x TCYCLE
0.6 x TCYCLE
ns
121
tPWL
Cycle LOW time
0.4 x TCYCLE
0.6 x TCYCLE
ns
XTAL1
119
121
120
22304B-46
Symbol
Parameter Description
Min
Max
Unit
tPW
RESET
↓ to RESET ↑
5000
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90