| 전자부품 데이터시트 검색엔진 |
|
ICS1524AMLF 데이터시트(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1524AMLF 데이터시트(HTML) 20 Page - Renesas Technology Corp |
|
20 / 25 page ![]() ICS1524A 20 DPA Delay-16 Element Resolution 0 2 4 6 8 10 12 14 16 18 20 04 8 12 DPA Setting 50 MHz - SVGA @ 72 Hz 157.5 MHz - SXGA @ 85 Hz DPA Delay - 32 Element Resolution 0 5 10 15 20 25 30 35 40 45 0 4 8 1216 2024 28 DPA Setting 25.175 MHz - VGA @ 60 Hz 78.75 MHz - XGA @ 75 Hz 16 DPA Delay - 64 Element Resolution 0 10 20 30 40 50 60 70 80 90 0 4 8 12 16 20 24 28 32 36 40 44 48 52 56 60 DPA Setting 12.27 MHz - NTSC 39.8 MHz - SVGA @ 60 32 64 Note: Maximum number of data points used for this graph. |