전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS8523I 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 ICS8523I
상세설명  Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8523I 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button ICS8523I Datasheet HTML 7Page - Renesas Technology Corp ICS8523I Datasheet HTML 8Page - Renesas Technology Corp ICS8523I Datasheet HTML 9Page - Renesas Technology Corp ICS8523I Datasheet HTML 10Page - Renesas Technology Corp ICS8523I Datasheet HTML 11Page - Renesas Technology Corp ICS8523I Datasheet HTML 12Page - Renesas Technology Corp ICS8523I Datasheet HTML 13Page - Renesas Technology Corp ICS8523I Datasheet HTML 14Page - Renesas Technology Corp ICS8523I Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ICS8523CGI REVISION E NOVEMBER 15, 2012
11
©2012 Integrated Device Technology, Inc.
ICS8523I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
CLK/nCLK Inputs
For applications not requiring the use of the differential input, both
CLK and nCLK can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from CLK to ground.
PCLK/nPCLK Inputs
For applications not requiring the use of a differential input, both the
PCLK and nPCLK pins can be left floating. Though not required, but
for additional protection, a 1k
 resistor can be tied from PCLK to
ground.
Outputs:
HSTL Outputs
All unused LVHSTL outputs can be left floating. We recommend that
there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.
HSTL Output Termination
VDDO
Zo = 50
HSTL
+
-
ICS HiPerClockS
VDD
R2
50
R1
50
Zo = 50
HSTL
HSTL Driv er



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19