전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDTC144TS 데이터시트(PDF) 5 Page - Nexperia B.V. All rights reserved

부품명 PDTC144TS
상세설명  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144TS 데이터시트(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC144TS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2004 Aug 17
4
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open
PDTC144T series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PDTC144TE
−
plastic surface mounted package; 3 leads
SOT416
PDTC144TEF
−
plastic surface mounted package; 3 leads
SOT490
PDTC144TK
−
plastic surface mounted package; 3 leads
SOT346
PDTC144TM
−
leadless ultra small plastic package; 3 solder lands; body
1.0
× 0.6 × 0.5 mm
SOT883
PDTC144TS
−
plastic single-ended leaded (through hole) package; 3 leads
SOT54
PDTC144TT
−
plastic surface mounted package; 3 leads
SOT23
PDTC144TU
−
plastic surface mounted package; 3 leads
SOT323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
50
V
VCEO
collector-emitter voltage
open base
−
50
V
VEBO
emitter-base voltage
open collector
−
5
V
IO
output current (DC)
−
100
mA
ICM
peak collector current
−
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT54
note 1
−
500
mW
SOT23
note 1
−
250
mW
SOT346
note 1
−
250
mW
SOT323
note 1
−
200
mW
SOT490
notes 1 and 2
−
250
mW
SOT883
notes 2 and 3
−
250
mW
SOT416
note 1
−
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com