전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDTC144TS 데이터시트(PDF) 9 Page - Nexperia B.V. All rights reserved

부품명 PDTC144TS
상세설명  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144TS 데이터시트(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PDTC144TS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC144TS Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2004 Aug 17
8
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open
PDTC144T series
UNIT
A1
max.
A(1)
bb1
e1
eL
L1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.20
0.12
0.55
0.47
0.03
0.62
0.55
0.35
0.65
DIMENSIONS (mm are the original dimensions)
Note
1. Including plating thickness
0.30
0.22
0.30
0.22
SOT883
SC-101
03-02-05
03-04-03
DE
1.02
0.95
L
E
2
3
1
b
b1
A1
A
D
L1
0
0.5
1 mm
scale
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
e
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com