전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN761631PAPR 데이터시트(PDF) 13 Page - Texas Instruments

부품명 SN761631PAPR
상세설명  RF FRONT END FOR AM/FM IF SAMPLING RADIO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN761631PAPR 데이터시트(HTML) 13 Page - Texas Instruments

Back Button SN761631PAPR Datasheet HTML 9Page - Texas Instruments SN761631PAPR Datasheet HTML 10Page - Texas Instruments SN761631PAPR Datasheet HTML 11Page - Texas Instruments SN761631PAPR Datasheet HTML 12Page - Texas Instruments SN761631PAPR Datasheet HTML 13Page - Texas Instruments SN761631PAPR Datasheet HTML 14Page - Texas Instruments SN761631PAPR Datasheet HTML 15Page - Texas Instruments SN761631PAPR Datasheet HTML 16Page - Texas Instruments SN761631PAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
FM SIGNAL CHANNEL
FM RF AGC
FM RF AGC
SN761631
RF FRONT END FOR AM/FM IF SAMPLING RADIO
SLES182 – OCTOBER 2006
V
CC = 8.5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
AGC(1:0) = "00"
7
AGC(1:0) = "10"
10
Vi(RF)
RF input voltage for wide-band FM AGC start
mVrms
AGC(1:0) = "01"
14
AGC(1:0) = "11"
20
FM RF AGC Time Constant Setting: Pin = RFFMAGC_TC
Vo(ref)
DC output voltage
2.7
V
V
CC = 8.5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FM RF AGC Pin Drive Output: Pin = FM_PIN_AGC
VFM_PIN_AGC = 2.5 V,
Isink(max)
Maximum AGC sink current
55
10
14.5
mA
VRFFMAG_TC = Vo(ref) – 0.5 V
VFM_PIN_AGC = 2.5 V,
Isource(max)
Maximum AGC source current
–17
–13
–11
mA
VRFFMAG_TC = Vo(ref) + 0.5 V
Isource (AGC)
AGC source current
AM mode
–7.5
–5
–3.5
mA
FM Keyed AGC
Vth_KAGC
Threshold voltage for keyed AGC
1.1
V
FM RF AGC Transconductance Buffer: Pin = RFAGC_BUFFER
Buffer transconductance,
Gm(buf)
FM mode, VRFFMAGC_TC = 80 mV
4.3
5.5
6.7
ms
(
∆I
RFAGC_BUFFER)/(∆VRFFMAGC_TC)
Isink(max)
Maximum sink current
FM mode, VRFFMAGC_TC = Vo(ref) + 0.15 V
350
510
710
µA
Isource(max)
Maximum source current
FM mode, VRFFMAGC_TC = Vo(ref) – 0.5 V
–30
µA
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com