전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN761631PAPR 데이터시트(PDF) 21 Page - Texas Instruments

부품명 SN761631PAPR
상세설명  RF FRONT END FOR AM/FM IF SAMPLING RADIO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN761631PAPR 데이터시트(HTML) 21 Page - Texas Instruments

Back Button SN761631PAPR Datasheet HTML 17Page - Texas Instruments SN761631PAPR Datasheet HTML 18Page - Texas Instruments SN761631PAPR Datasheet HTML 19Page - Texas Instruments SN761631PAPR Datasheet HTML 20Page - Texas Instruments SN761631PAPR Datasheet HTML 21Page - Texas Instruments SN761631PAPR Datasheet HTML 22Page - Texas Instruments SN761631PAPR Datasheet HTML 23Page - Texas Instruments SN761631PAPR Datasheet HTML 24Page - Texas Instruments SN761631PAPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
SN761631
RF FRONT END FOR AM/FM IF SAMPLING RADIO
SLES182 – OCTOBER 2006
Table 5. Reference Frequency Setting
REF2
REF1
REF0
FREF (kHz)
0
0
0
100
0
0
1
50
0
1
0
25
0
1
1
20
1
0
0
10
1
0
1
10
1
1
0
10
1
1
1
10
Table 6. Band Control/FM Mode
VCO
CHARGE-PUMP
BAND1
BAND0
BAND
DIVIDER
CURRENT
0
0
FM standard
2
0.375 mA + 3 mA
0
1
FM Japan
3
0.375 mA + 3 mA
1
0
FM E. Europe
3
0.75 mA
1
1
FM weather
1
0.375 mA
Table 7. Band Control/AM Mode
VCO
CHARGE PUMP
BAND1
BAND0
BAND
DIVIDER
CURRENT
0
X
AM SW
10
0.75 mA
1
X
AM LW/MW
20
0.875 mA
Table 8. Wideband AGC Setting for FM
AGC1
AGC0
WIDE AGC START VOLTAGE FOR FM MODE
0
0
7 mVrms
0
1
10 mVrms
1
0
14 mVrms
1
1
20 mVrms
Table 9. Wideband AGC Setting for AM
AGC1
AGC0
WIDE AGC START VOLTAGE FOR AM MODE
0
0
220 mVp
0
1
370 mVp
1
0
520 mVp
1
1
650 mVp
Table 10. IF Ceramic Filter Driver/Filter Selection Control
FILTER
FILTER
FILTER
FILTER
MODE
IF_FIL11
IF_FIL0
DRIVER_1
DRIVER_0
FOR IBOC
FOR ANALOG
FM
X
X
OFF
ON
F1 (450 kHZ)
F2 (180 kHZ)
AM
0
X
OFF
ON
F2 (180 kHZ)
F2 (180 kHZ)
1
0
OFF
ON
F2 (180 kHZ)
F3 (30 kHZ)
1
1
ON
OFF
F3 (30 kHZ)
F3 (30 kHZ)
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com