전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AR0521P1 데이터시트(PDF) 2 Page - Nanjing International Group Co

부품명 AR0521P1
상세설명  1-Line Ultra Low Capacitance Bi-directional TVS Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

AR0521P1 데이터시트(HTML) 2 Page - Nanjing International Group Co

  AR0521P1 Datasheet HTML 1Page - Nanjing International Group Co AR0521P1 Datasheet HTML 2Page - Nanjing International Group Co AR0521P1 Datasheet HTML 3Page - Nanjing International Group Co AR0521P1 Datasheet HTML 4Page - Nanjing International Group Co AR0521P1 Datasheet HTML 5Page - Nanjing International Group Co AR0521P1 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
100
W
Peak Pulse Current (8/20µs)
IPP
4
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±25
±22
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
5
V
Breakdown Voltage
VBR
6.5
9.5
V
IT = 1mA
Reverse Leakage Current
IR
0.2
uA
VRWM = 5V
Clamping Voltage
VC
12
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
25
V
IPP = 4A (8 x 20µs pulse)
Junction Capacitance
CJ
0.3
0.5
pF
VR = 0V, f = 1MHz
AR0521P1
1-Line Ultra Low Capacitance Bi-directional TVS Diode
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/6



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com