전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29BDS128H 데이터시트(PDF) 68 Page - SPANSION

부품명 AM29BDS128H
상세설명  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128H 데이터시트(HTML) 68 Page - SPANSION

Back Button AM29BDS128H Datasheet HTML 64Page - SPANSION AM29BDS128H Datasheet HTML 65Page - SPANSION AM29BDS128H Datasheet HTML 66Page - SPANSION AM29BDS128H Datasheet HTML 67Page - SPANSION AM29BDS128H Datasheet HTML 68Page - SPANSION AM29BDS128H Datasheet HTML 69Page - SPANSION AM29BDS128H Datasheet HTML 70Page - SPANSION AM29BDS128H Datasheet HTML 71Page - SPANSION AM29BDS128H Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
66
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Asynchronous Mode Read
Notes:
1. Asynchronous Access Time is from the last of either stable addresses or the falling edge of AVD#.
2. Not 100% tested.
Parameter
Description
75 MHz
66 MHz
54 MHz
Unit
JEDEC Standard
tCE
Access Time from CE# Low
Max
45
50
55
ns
tACC
Asynchronous Access Time (Note 1)
Max
45
50
55
ns
tAVDP
AVD# Low Time
Min
10
12
ns
tAAVDS
Address Setup Time to Rising Edge of AVD
Min
4
5
ns
tAAVDH
Address Hold Time from Rising Edge of AVD
Min
5.5
6
7
ns
tOE
Output Enable to Output Valid
Max
8.5
11
13.5
ns
tOEH
Output Enable Hold
Time
Read
Min
0
ns
Toggle and
Data# Polling
Min
8
10
ns
tOEZ
Output Enable to High Z (Note 2)
Max
8
10
ns
tCAS
CE# Setup Time to AVD#
Min
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com