전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDMC80D50/AA 데이터시트(PDF) 83 Page - Sumida Corporation

부품명 CDMC80D50/AA
상세설명  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC80D50/AA 데이터시트(HTML) 83 Page - Sumida Corporation

Back Button CDMC80D50/AA Datasheet HTML 79Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 80Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 81Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 82Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 83Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 84Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 85Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 86Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 87Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 156 page
background image
83
EMC < Characteristic List of Common Mode Choke coils for DC Lines >
Type
Name
Name of
Product
CPFC11D60
CPFC86
CPFC74B
CPFC43
CPFC805
CPFC6D36
CSFC5D33
CPFC85
CSLF4D17
CSLF4D25
CPFC74
CRR32
CBM42
CPFC54
CPFC11D60-100M08
CPFC86NP-100M102
CPFC74BNP-102
CPFC43NP-100M701
CPFC805NP-100M05
CPFC6D36NP-100M06
CSFC5D33NP-300
CPFC85NP-100M03
CPFC85NP-100M10
CPFC85-1M15NP
CSLF4D17NP-212
CSLF4D17NP-122
CSLF4D17NP-781
CSLF4D17NP-391
CSLF4D25NP-202
CSLF4D25NP-192
CSLF4D25NP-112
CSLF4D25NP-701
CSLF4D25NP-351
CSLF4D25NP-201
CPFC74NP-CB10M4
CPFC74NP-CB08M6
CPFC74NP-PS10H2A15
CPFC74NP-PS02H2A20
CPFC74NP-PS03H2A25
CPFC74NP-PS01H2A30
CRR32NP-02A
CRR32NP-05A
CRR32NP-07A
CRR32NP-10A
S0746434-01
S0746434-02
CPFC54-050C
CPFC54-110C
CPFC54-250C
CPFC54-250S
CPFC54-510C
CPFC54-510S
CPFC54-101C
CPFC54-471C
CPFC54-102C
CPFC54-222C
CPFC54-472C
Z=800
Ω min.(100MHz)
Z=1000
Ω min. 600 at 100MHz
Z=600
Ω min.(100MHz)(1000Typ.)
Z=700
Ω min. 500 at 100MHz
Z=500
Ω min.(100MHz)
Z=600
Ω min.(100MHz)
Z=225
Ω min.(100MHz)
Z=300
Ω min.(100MHz)
Z=1000
Ω min.(100MHz)
L=4.7mH
±30%(100KHz) Att=34dB(10MHz)
Z=2100
Ω (Typ.) / 1050Ω min.(100MHz)
Z=1200
Ω (Typ.) / 600Ω min.(100MHz)
Z=780
Ω (Typ.) / 390Ω min.(100MHz)
Z=390
Ω (Typ.) / 190Ω min.(100MHz)
Z=2000
Ω (Typ.) / 1000Ω min.(100MHz)
Z=1900
Ω (Typ.) / 950Ω min.(100MHz)
Z=1100
Ω (Typ.) / 550Ω min.(100MHz)
Z=700
Ω (Typ.) / 350Ω min.(100MHz)
Z=350
Ω (Typ.) / 175Ω min.(100MHz)
Z=200
Ω (Typ.) / 100Ω min.(100MHz)
Z=1000
Ω 以上 (10~100MHz)
Z=800
Ω 以上 (10~100MHz)
Z=700
Ω 以上 (100MHz)
Z=200
Ω 以上 (20~300MHz)
Z=300
Ω 以上 (160MHz)
Z=100
Ω 以上 (10~300MHz)
Z=800
Ω min.(100MHz)
Z=650
Ω min.(100MHz)
Z=500
Ω min.(100MHz)
Z=350
Ω min.(100MHz)
Z=800
Ω (参考値)(100MHz)
Z=1800
Ω (参考値)(100MHz)
L=5
µH±30% Ls=50nH(Typ.)(100MHz)
L=11
µH±30% Ls=50nH(Typ.)(100MHz)
L=25
µH±30% Ls=150nH(Typ.)(100MHz)
L=25
µH±30% Ls=1500nH(Typ.)(100MHz)
L=51
µH±30% Ls=200nH(Typ.)(100MHz)
L=51
µH±30% Ls=2000nH(Typ.)(100MHz)
L=100
µH±30% Ls=200nH(Typ.)(100MHz)
L=470
µH±30% Ls=200nH(Typ.)(100MHz)
L=1000
µH+50% -30% Ls=250nH(Typ.)(100MHz)
L=2200
µH+50% -30% Ls=250nH(Typ.)(100MHz)
L=4700
µH+50% -30% Ls=300nH(Typ.)(100MHz)
~ 125
°C
~ 125
°C
~ 125
°C
~ 150
°C
~ 100
°C
~ 100
°C
~ 85
°C
~ 85
°C
~ 100
°C
~ 85
°C
~ 85
°C
~ 85
°C
~ 85
°C
~ 85
°C
~ 85
°C
86
85
85
84
88
87
87
94
88
89
93
92
90
93
6.0A
5.0A
2.5A
2.0A
4.5A
2.5A
2.5A
5.0A
3.0A
-
0.9A
0.95A
1.0A
1.2A
1.0A
1.5A
2.0A
2.5A
3.0A
3.5A
-
-
1.5A
2.0A
2.5A
3.0A
0.4A
0.46A
0.58A
0.8A
-
-
0.25A
0.75A
Drawing
Sheet
Page
Rated
Current
Electrical
Characteristic
Operating Temperature
(excluding self-heating)
S-0074-6768
D911-149
S-0074-6845
D916-186
S-0074-6510
S-0074-6509
S-0074-6884
S-0074-6286
S-0074-6286
S-0074-6515
S-0074-6844
S-0074-6844
S-0074-6844
S-0074-6844
S-0074-6843
S-0074-6843
S-0074-6843
S-0074-6843
S-0074-6843
S-0074-6843
S-0074-6462
S-0074-6462
S-0074-6467
S-0074-6467
S-0074-6467
S-0074-6467
S-0074-6460
S-0074-6460
S-0074-6460
S-0074-6460
S-0074-6434
S-0074-6434
S-0074-6776
S-0074-6776
S-0074-6776
S-0074-6776
S-0074-6776
S-0074-6776
S-0074-6776
S-0074-6776
S-0074-6776
S-0074-6776
S-0074-6776
EMC
Characteristic List of
Common Mode Choke Coils for DC Lines
型名
図面
ページ
定格電流
電気特性(簡単選び)
使用温度(コイル発熱含む)
品名
車載
DC Line
Common
mode
DC Line 用
Common
mode
信号 Line 用
Common
mode
(SMD)
(コモンモード DCフィルター 特性一覧)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com