전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDMC80D50/AA 데이터시트(PDF) 37 Page - Sumida Corporation

부품명 CDMC80D50/AA
상세설명  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC80D50/AA 데이터시트(HTML) 37 Page - Sumida Corporation

Back Button CDMC80D50/AA Datasheet HTML 33Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 34Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 35Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 36Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 37Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 38Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 39Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 40Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 41Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 156 page
background image
37
DC-DC Converter Transformers < SMD Type Transformer for Automotive applications >
About CEIR199, CEIR1910, CEIR1911
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
CEIR199
PROVISIONAL
CEIR1910
Specifications
: 130
µH
: 5.4W(100kHz), 13W(300kHz), 19W(500kHz)
Inductance
Max. Operating frequency
Features
1. SMD type DC-DC converter is using the flat wire
Features
1. SMD type DC-DC converter is using the flat wire
Features
1. SMD type DC-DC converter is using the flat wire
NEW
PROVISIONAL
15.0
25.2
20.6
23.6
Max. 11.2
0.3
15.0
25.2
15.0
25.2
CEIR1911
NEW
PROVISIONAL
CER2012
NEW
Specifications
: 70
µH
: 500kHz
: 4.3W (100kHz), 10W (300kHz), 15W (500kHz)
Inductance
Max. Operating frequency
Max. Operating power
Specifications
: 200
µH
: 500kHz
: 6.2W (100kHz), 15W (300kHz), 22W (500kHz)
Inductance
Max. Operating frequency
Max. Operating power
Specifications
: Max. 12mH
: 500kHz
: 35W (300kHz)
Inductance
Max. Operating frequency
Max. Operating power
20.6
Max.10.3
23.6
0.3
20.6
Max.12.3
0.3
23.6
Max.22.0
Max.12.6
0.4
22.9
17.2
1.3
6.8
20.0
5.0
2–ø1.8
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com