전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3602AE 데이터시트(PDF) 35 Page - Richtek Technology Corporation

부품명 RT3602AE
상세설명  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE 데이터시트(HTML) 35 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 31Page - Richtek Technology Corporation RT3602AE Datasheet HTML 32Page - Richtek Technology Corporation RT3602AE Datasheet HTML 33Page - Richtek Technology Corporation RT3602AE Datasheet HTML 34Page - Richtek Technology Corporation RT3602AE Datasheet HTML 35Page - Richtek Technology Corporation RT3602AE Datasheet HTML 36Page - Richtek Technology Corporation RT3602AE Datasheet HTML 37Page - Richtek Technology Corporation RT3602AE Datasheet HTML 38Page - Richtek Technology Corporation RT3602AE Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
35
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 4. TSEN_AUXI Setting for IMAX_MAIN and SA Zero Load-Line
TSEN_AUXI
R1 x R2
V3.2
R1 R2

IMAX_MAIN
(A)
SA_0LL
Min
Typ
Max
Unit
1-Phase
1-Phase
POCP
2-Phase
2-Phase
POCP
49.5484
50.0489
50.5494
mV
16
48
29
43.5
Disable
148.645
150.147
151.648
mV
Enable
247.742
250.244
252.747
mV
18
54
33
49.5
Disable
346.839
350.342
353.846
mV
Enable
445.935
450.44
454.944
mV
20
60
37
55.5
Disable
545.032
550.538
556.043
mV
Enable
644.129
650.635
657.142
mV
21
63
40
60
Disable
743.226
750.733
758.24
mV
Enable
842.323
850.831
859.339
mV
22
66
44
66
Disable
941.419
950.929
960.438
mV
Enable
1040.52
1051.03
1061.54
mV
23
69
46
69
Disable
1139.61
1151.12
1162.64
mV
Enable
1238.71
1251.22
1263.73
mV
24
72
48
72
Disable
1337.81
1351.32
1364.83
mV
Enable
1436.9
1451.42
1465.93
mV
25
75
49
73.5
Disable
1536
1551.52
1567.03
mV
Enable
1635.1
1651.61
1668.13
mV
26
52
50
50
Disable
1734.19
1751.71
1769.23
mV
Enable
1833.29
1851.81
1870.33
mV
27
54
52
52
Disable
1932.39
1951.91
1971.43
mV
Enable
2031.48
2052
2072.52
mV
28
56
53
53
Disable
2130.58
2152.1
2173.62
mV
Enable
2229.68
2252.2
2274.72
mV
29
58
55
55
Disable
2328.77
2352.3
2375.82
mV
Enable
2427.87
2452.39
2476.92
mV
30
60
57
57
Disable
2526.97
2552.49
2578.02
mV
Enable
2626.06
2652.59
2679.12
mV
31
62
59
59
Disable
2725.16
2752.69
2780.22
mV
Enable
2824.26
2852.79
2881.31
mV
33
66
61
61
Disable
2923.35
2952.88
2982.41
mV
Enable
3022.45
3052.98
3083.51
mV
35
70
64
64
Disable
3121.55
3153.08
3184.61
mV
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46