| 전자부품 데이터시트 검색엔진 |
|
RT3602AE 데이터시트(PDF) 36 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT3602AE 데이터시트(HTML) 36 Page - Richtek Technology Corporation |
|
36 / 46 page ![]() 36 RT3602AE www.richtek.com DS3602AE-00 August 2017 © Copyright 2017 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Table 5. TSEN_MAIN Setting for IMAX_AUXI and IMAX_SA TSEN_MAIN R1 x R2 V3.2 R1 R2 IMAX_AUXI (A) IMAX_SA (A) Min Typ Max Unit IMAX POCP IMAX POCP 49.5484 50.0489 50.5494 mV 16 48 3 18 148.645 150.147 151.648 mV 4 24 247.742 250.244 252.747 mV 5 30 346.839 350.342 353.846 mV 6 36 445.935 450.44 454.944 mV 18 54 3 18 545.032 550.538 556.043 mV 4 24 644.129 650.635 657.142 mV 5 30 743.226 750.733 758.24 mV 6 36 842.323 850.831 859.339 mV 20 60 3 18 941.419 950.929 960.438 mV 4 24 1040.52 1051.03 1061.54 mV 5 30 1139.61 1151.12 1162.64 mV 6 36 1238.71 1251.22 1263.73 mV 22 66 3 18 1337.81 1351.32 1364.83 mV 4 24 1436.9 1451.42 1465.93 mV 5 30 1536 1551.52 1567.03 mV 6 36 1635.1 1651.61 1668.13 mV 24 48 3 18 1734.19 1751.71 1769.23 mV 4 24 1833.29 1851.81 1870.33 mV 5 30 1932.39 1951.91 1971.43 mV 6 36 2031.48 2052 2072.52 mV 26 52 3 18 2130.58 2152.1 2173.62 mV 4 24 2229.68 2252.2 2274.72 mV 5 30 2328.77 2352.3 2375.82 mV 6 36 2427.87 2452.39 2476.92 mV 29 58 3 18 2526.97 2552.49 2578.02 mV 4 24 2626.06 2652.59 2679.12 mV 5 30 2725.16 2752.69 2780.22 mV 6 36 2824.26 2852.79 2881.31 mV 35 70 3 18 2923.35 2952.88 2982.41 mV 4 24 3022.45 3052.98 3083.51 mV 5 30 3121.55 3153.08 3184.61 mV 6 36 |