전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSU7L 데이터시트(PDF) 18 Page - Honeywell Solid State Electronics Center

부품명 LSU7L
상세설명  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU7L 데이터시트(HTML) 18 Page - Honeywell Solid State Electronics Center

Back Button LSU7L Datasheet HTML 14Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 15Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 16Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 17Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 18Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 19Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 20Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 21Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 22Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Catalog
Listing
Material
Rod/Roller
Dia. mm
[in]
Rod/Roller
Width mm
[in]
Roller
Mounting
Fixed 38,1 mm [1.5 in] radius
–
Rollerless
n/a
n/a
n/a
LSZ51A
Nylon
19 [0.75]
6,35 [0.25]
Front
LSZ51B
Steel
19 [0.75]
6,35 [0.25]
Front
LSZ51C
Nylon
19 [0.75]
6,35 [0.25]
Back
LSZ51D
Steel
19 [0.75]
6,35 [0.25]
Back
LSZ51F
Nylon
25,4 [1.0]
12,7 [0.50]
Front
LSZ51G
Nylon
38,1 [1.5]
6,35 [0.25]
Front
LSZ51J
Nylon
25,4 [1.0]
12,7 [0.50]
Back
LSZ51L
Ball bearing
19 [0.75]
6,35 [0.25]
Back
LSZ51M
Nylon
19 [0.75]
31,7 [1.25]
Back
LSZ51N
Steel
19 [0.75]
31,7 [1.25]
Front
LSZ51P
Nylon
19 [0.75]
12,7 [0.50]
Front
Adjustable 38,1 mm to 89,0 mm [1.5 in to 3.5 in] radius
–
Rollerless
n/a
n/a
n/a
LSZ52A
Nylon
19 [0.75]
6,35 [0.25]
Back
LSZ52B
Steel
19 [0.75]
6,35 [0.25]
Back
LSZ52C
Nylon
19 [0.75]
6,35 [0.25]
Front
LSZ52D
Steel
19 [0.75]
6,35 [0.25]
Front
LSZ52E
Nylon
19 [0.75]
33,0 [1.30]
Front
LSZ52J
Nylon
25,4 [1.0]
12,7 [0.50]
Front
LSZ52K
Nylon
38,1 [1.5]
6,35 [0.25]
Front
LSZ52L
Ball bearing
19 [0.75]
6,35 [0.25]
Front
LSZ52M
Nylon
50,8 [2.0]
6,35 [0.25]
Front
LSZ52N
Nylon
19 [0.75]
12,7 [0.50]
Front
Yoke – 38,1 mm [1.5 in] radius
LSZ53A
Nylon
19 [0.75]
6,35 [0.25]
Front/Back
LSZ53B
Steel
19 [0.75]
6,35 [0.25]
Front/Back
LSZ53D
Steel
19 [0.75]
6,35 [0.25]
Front/Front
LSZ53E
Nylon
19 [0.75]
6,35 [0.25]
Back/Front
LSZ53M
Nylon
19 [0.75]
31,7 [1.25]
Back/Front
LSZ53P
Steel
19 [0.75]
6,35 [0.25]
Back/Back
LSZ53S
Nylon
19 [0.75]
6,35 [0.25]
Back/Back
Rod
–
Hub only
n/a
n/a
n/a
LSZ54M
Alum, 140 mm
[5.5 in]
Ø 3,2
[Ø 0.125]
n/a
n/a
LSZ54N
Stainless, 330
mm [13 in]
Ø 3,2
[Ø 0.125]
n/a
n/a
LSZ54R
SST spring
wire, 305 mm
[12 in]
Ø 1,9
[Ø 0.075]
n/a
n/a
LSZ54V
Flex cable (tin
plated steel),
122 mm
[4.8 in]
Ø 4,8
[Ø 0.19]
n/a
n/a
LSZ54P
Plastic rod,
533,4 mm
[21 in]
Ø 6,85
[Ø 0.27]
n/a
n/a
LSZ54W
Plastic rod,
183 mm
[7.2 in]
Ø 6,85
[Ø 0.27]
n/a
n/a
LSZ54T
330 [13]
stainless steel
Ø 4,8
[Ø 0.19]
n/a
n/a
Spoke
LSZ69CA
152 mm [6.0
in] Stainless
3,2 [0.125] n/a
n/a
Table 8. HDLS Series Actuator Code Table (see previous page)
Catalog
Listing
Material
Rod/Roller
Dia. mm
[in]
Rod/Roller
Width mm
[in]
Roller
Mounting
Fixed 38,1 mm [1.5 in] radius
–
Rollerless
n/a
n/a
n/a
LSZ55A
Nylon
19 [0.75]
6,35 [0.25]
Back
LSZ55B
Steel
19 [0.75]
6,35 [0.25]
Back
LSZ55C
Nylon
19 [0.75]
6,35 [0.25]
Front
LSZ55D
Steel
19 [0.75]
6,35 [0.25]
Front
LSZ55E
Nylon
19 [0.75]
12,7 [0.50]
Front
LSZ55K
Nylon
38,1 [1.5]
6,35 [0.25]
Front
Short fixed - 33 mm [1.3 in] radius
LSZ59A
Nylon
19 [0.75]
6,35 [0.25]
Front
LSZ59B
Steel
19 [0.75]
6,35 [0.25]
Front
LSZ59C
Nylon
19 [0.75]
6,35 [0.25]
Back
LSZ59D
Steel
19 [0.75]
6,35 [0.25]
Back
38,1 mm [1.5 in] radius one-way roller lever
LSZ60A
Nylon
19 [0.75]
6,35 [0.25]
Front
LSZ60B
Steel
19 [0.75]
6,35 [0.25]
Front
Flexible loop
LSZ61
Ø 4,8 [Ø 0.19]
Plastic
152 mm [6 in] flexible loop
LSZ618
Ø 4,8 [Ø 0.19]
Plastic
241 mm [9.5 in] flexible loop
LSZ54
Hub only
n/a
n/a
n/a
Spring rod
LSZ68
Delrin rod, 305
[12 ]
Ø 6,35
[Ø 0.25]
n/a
n/a
LSZ617
Delrin rod, 406
[16]
Ø 6,35
[Ø 0.25]
n/a
n/a
LSZ686
Delrin rod,
152 [6]
Ø 6,35
[Ø 0.25]
n/a
n/a
Rubber roller levers
LSZ51Y
38,1 mm [1.5 in]
radius
(std.)
Rubber
50 [2.0]
12,7
[0.50]
front
LSZ55Y
38,1 mm [1.5 in]
radius
(offset)
Rubber
50 [2.0]
12,7
[0.50]
front
LSZ52Y
38,1 mm to 89,0
mm [1.5 in to
3.5 in] radius
(adjustable)
Rubber
50 [2.0]
12,7
[0.50]
front
Plastic roller levers
LSZ67AA*
(conveyor)
Plastic
38,1 [1.5]
96,5 [3.8] n/a
* may require orientation of switch and lever to enable gravity to help restore free position of switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com