전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSU7L 데이터시트(PDF) 7 Page - Honeywell Solid State Electronics Center

부품명 LSU7L
상세설명  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU7L 데이터시트(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button LSU7L Datasheet HTML 3Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 4Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 5Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 9Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 10Page - Honeywell Solid State Electronics Center LSU7L Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Sensing and Internet of Things
7
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
SIDE PLUNGERS: Available with 4,83 mm [0.19 in] minimum overtravel. Side plungers are offered in plain plunger, an adjustable
plain plunger, a roller plunger, and a maintained plunger. Standard temperature range of -12°C to 93°C [10°F to 200°F].
LSE - Side pin plunger: For actuating
motion inline with the plunger travel. Ac-
tuating head may be faced in any of four
positions, 90° apart. A boot seal on the
plunger and a seal between the head
and housing keep out coolant, dust, and
chips. Momentary action.
LSF - Side roller plunger: Fits close
quarters under cams and slides. The
head may be faced in any of four posi-
tions, 90° apart. The roller can be turned
vertical or horizontal to the switch. Seals
are same as side pin plunger. Momen-
tary action.
MICRO SWITCH HDLS SERIES ACTUATOR HEADS
LSW - Adjustable side pin plunger:
Has the same features of the side plain
plunger plus the means to adjust the
operating points of the switch from
41 mm to 47,4 mm [1.615 in to 1.865
in]. Seals are same as side pin plunger.
Momentary action.
LSG - Maintained contact side pin
plunger: Offers a maintained contact
on actuation of the switch. A reverse
motion of the plunger resets the
switch. Sealing is the same as other
side plunger actuation heads. Operat-
ing temperature range is -1°C to 93°C
[30°F to 200°F].
WOBBLE LEVER ACTUATING HEADS: Heads come with either a spring wire, Delrin® plastic rod, or steel cat whisker. Any move-
ment of the lever (except pull) will actuate the switch. Standard temperature range of -12°C to 93°C [10°F to 200°F].
LSJ1A-7M - Spring
wire: 300 Series SST
wire may be formed for
special applications.
LSJ1A-7N - Flexible
actuator: Designed
with a tin-plated cable.
LSK1A-8C - Coil
spring: Designed with
a 300 Series SST coil
spring.
LSJ1A-7A - Plastic
rod: Recommended
where possible scratch-
ing or marring by
the actuator is to be
avoided.
LSK1A-8A - Cat
whisker: 300 Series
SST actuator designed
for low operating force
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com