| 전자부품 데이터시트 검색엔진 |
|
ADV7393EBZ 데이터시트(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7393EBZ 데이터시트(HTML) 39 Page - Analog Devices |
|
39 / 96 page ![]() ADV7390/ADV7391/ADV7392/ADV7393 Rev. 0 | Page 39 of 96 SR7 to Bit Number Reset SR0 Register Bit Description 7 6 5 4 3 2 1 0 Register Setting Value 0 0 0 0 0 0 0 0x00 0 0 0 0 0 1 1 … … … … … … … 1 1 1 1 1 0 62 DNR Threshold. 1 1 1 1 1 1 63 0 2 pixels Border Area. 1 4 pixels 0 8 pixels 0xA4 SD DNR 1 Block Size. 1 16 pixels 0 0 1 Filter A 0x00 0 1 0 Filter B 0 1 1 Filter C DNR Input Select. 1 0 0 Filter D 0 DNR mode DNR Mode. 1 DNR sharpness mode 0 0 0 0 0 pixel offset 0 0 0 1 1 pixel offset … … … … … 1 1 1 0 14 pixel offset 0xA5 SD DNR 2 DNR Block Offset. 1 1 1 1 15 pixel offset Table 28. Register 0xA6 to Register 0xBB SR7 to Bit Number Reset SR0 Register Bit Description 7 6 5 4 3 2 1 0 Register Setting Value 0xA6 SD Gamma A0 SD Gamma Curve A (Point 24). x x x x x x x x A0 0x00 0xA7 SD Gamma A1 SD Gamma Curve A (Point 32). x x x x x x x x A1 0x00 0xA8 SD Gamma A2 SD Gamma Curve A (Point 48). x x x x x x x x A2 0x00 0xA9 SD Gamma A3 SD Gamma Curve A (Point 64). x x x x x x x x A3 0x00 0xAA SD Gamma A4 SD Gamma Curve A (Point 80). x x x x x x x x A4 0x00 0xAB SD Gamma A5 SD Gamma Curve A (Point 96). x x x x x x x x A5 0x00 0xAC SD Gamma A6 SD Gamma Curve A (Point 128). x x x x x x x x A6 0x00 0xAD SD Gamma A7 SD Gamma Curve A (Point 160). x x x x x x x x A7 0x00 0xAE SD Gamma A8 SD Gamma Curve A (Point 192). x x x x x x x x A8 0x00 0xAF SD Gamma A9 SD Gamma Curve A (Point 224). x x x x x x x x A9 0x00 0xB0 SD Gamma B0 SD Gamma Curve B (Point 24). x x x x x x x x B0 0x00 0xB1 SD Gamma B1 SD Gamma Curve B (Point 32). x x x x x x x x B1 0x00 0xB2 SD Gamma B2 SD Gamma Curve B (Point 48). x X x x x x x x B2 0x00 0xB3 SD Gamma B3 SD Gamma Curve B (Point 64). x x x x x x x x B3 0x00 0xB4 SD Gamma B4 SD Gamma Curve B (Point 80). x x x x x x x x B4 0x00 0xB5 SD Gamma B5 SD Gamma Curve B (Point 96). x x x x x x x x B5 0x00 0xB6 SD Gamma B6 SD Gamma Curve B (Point 128). x x x x x x x x B6 0x00 0xB7 SD Gamma B7 SD Gamma Curve B (Point 160). x x x x x x x x B7 0x00 0xB8 SD Gamma B8 SD Gamma Curve B (Point 192). x x x x x x x x B8 0x00 0xB9 SD Gamma B9 SD Gamma Curve B (Point 224). x x x x x x x x B9 0x00 0xBA SD Brightness Detect SD Brightness Value. x x x x x x x x Read only 0xXX Field Count. x x x Read only 0x0X Reserved. 0 0 0 Reserved 0xBB Field Count Register Revision Code. 0 0 Read only |