| 전자부품 데이터시트 검색엔진 |
|
ICS93732 데이터시트(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS93732 데이터시트(HTML) 6 Page - Renesas Technology Corp |
|
6 / 9 page ![]() 6 ICS93732 0578J—06/20/08 Bytes 0 to 4 are reseved power up default = 1. This allows operation with main clock. Pin # Name 0 1 PWD Bit 7 2, 1 DDR0(T&C) Output Control RW DISABLE ENABLE 1 Bit 6 4, 5 DDR1(T&C) Output Control RW DISABLE ENABLE 1 Bit 5 - - Reserved X - - 1 Bit 4 - - Reserved X - - 1 Bit 3 13, 14 DDR2(T&C) Output Control RW DISABLE ENABLE 1 Bit 2 17, 16 DDR3(T&C) Output Control RW DISABLE ENABLE 1 Bit 1 - - Reserved X - - 1 Bit 0 - - Reserved X - - 1 Note: Pin # Name 0 1 PWD Bit 7 - - Reserved X - - 0 Bit 6 - - Reserved X - - 0 Bit 5 - - Reserved X - - 0 Bit 4 - - Reserved X - - 1 Bit 3 24, 25 DDR4(T&C) Output Control RW DISABLE ENABLE 1 Bit 2 - - Reserved X - - 1 Bit 1 26, 27 DDR5(T&C) Output Control RW DISABLE ENABLE 1 Bit 0 - - Reserved X - - 1 Note: Control Function Affected Pin BYTE 5 BYTE 6 PWD = Power Up Default PWD = Power Up Default Type Bit Control Type Control Function Affected Pin Bit Control |