전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAB 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 FAB
상세설명  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FAB 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FAB Datasheet HTML 6Page - List of Unclassifed Manufacturers FAB Datasheet HTML 7Page - List of Unclassifed Manufacturers FAB Datasheet HTML 8Page - List of Unclassifed Manufacturers FAB Datasheet HTML 9Page - List of Unclassifed Manufacturers FAB Datasheet HTML 10Page - List of Unclassifed Manufacturers FAB Datasheet HTML 11Page - List of Unclassifed Manufacturers FAB Datasheet HTML 12Page - List of Unclassifed Manufacturers FAB Datasheet HTML 13Page - List of Unclassifed Manufacturers FAB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
GFAB Series
35
SAB/
SVB
Explosion
proof
For
dry air
HVB/
HVL
NP/NAP/
NVP
PD/FAD/
PJ
CVE/
CVSE
CPE/
CPD
Custom
order
Medical
analysis
Other G.P.
systems
HNB/G
USB/G
FAB/G
FGB/G
FVB
FWB/G
FHB
FLB
AB
AG
AP/AD
CHB/G
MXB/G
APK/
ADK
Dimensions: Manifold
(Page 114)
Grommet lead wire type
GFAB**-*-*-12C
Dimensions: Actuator
Grommet lead wire type
GFAB**-*-0-12C
(Page 114)
25
30
36
43
50
GFAB1
GFAB2
GFAB3
GFAB4
GFAB5
A
28.5
33
40
47
55
B
38
44
52
61
71
C
13
15.5
18.5
22.5
26
D
17
19.5
22.5
26
29.5
E
18
22
28
34
40
F
Model no.
AA
BB
AA
BB
AA
BB
AA
BB
AA
BB
GFAB1
GFAB2
GFAB3
GFAB4
GFAB5
Sym.
Stn. no.
48
58
58
68
74
88
86
100
100
114
2
68
78
84
94
106
120
124
138
146
160
3
88
98
110
120
138
152
162
176
192
206
4
108
118
136
146
170
184
200
214
238
252
5
128
138
162
172
202
216
238
252
284
298
6
148
158
188
198
234
248
276
290
330
344
7
168
178
214
224
266
280
314
328
376
390
188
198
240
250
298
312
352
366
422
436
208
218
266
276
330
344
390
404
468
482
89
10
Model no.
GFAB1
GFAB2
GFAB3
GFAB4
GFAB5
25
30
36
43
50
10
12
13
18
20
Rc1/8
Rc1/8
Rc3/8
Rc3/8
Rc3/8
8
8
12
12
12
44.5
49
64
71
79
54
60
76
85
95
13
15.5
18.5
22.5
26
17
19.5
22.5
26
29.5
19
21
28
31
34
20
26
32
38
46
11
8
15
15
12
16
16
24
24
24
21.5
25
34.5
31
34
20
26
32
38
46
M5
Rc1/8
Rc1/4
Rc1/4
Rc1/4
5
5
7
7
7
4.5
4.5
6.5
6.5
6.5
6.5
9
10
11.5
14
AB
C
D
E
F
G
H
J
K
LM
NP
Q
R
S
T
Model no.
Lead wire length 300mm
GH
B
A
2-C
(Port C)
JK
R
NP
AA
BB
n-Q
(Port A)
2-S
A
DE
F
* Lead wire length 300mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com