전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAB 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 FAB
상세설명  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FAB 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FAB Datasheet HTML 7Page - List of Unclassifed Manufacturers FAB Datasheet HTML 8Page - List of Unclassifed Manufacturers FAB Datasheet HTML 9Page - List of Unclassifed Manufacturers FAB Datasheet HTML 10Page - List of Unclassifed Manufacturers FAB Datasheet HTML 11Page - List of Unclassifed Manufacturers FAB Datasheet HTML 12Page - List of Unclassifed Manufacturers FAB Datasheet HTML 13Page - List of Unclassifed Manufacturers FAB Datasheet HTML 14Page - List of Unclassifed Manufacturers FAB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
GFAB Series
36
Actuator installation dimension drawing
GFAB1*/2*/3*
GFAB4*/5*
20 and over
26 and over
32 and over
5
0.15
8
0.15
13
0.15
12.4
0.1
15.5
0.1
20
0.1
14.4
0.1
18.4
0.1
23.6
0.1
10
0.15
10
0.15
11.4
0.15
11.2
0.1
12.4
0.1
15
0.1
17
0.1
19.4
0.1
24.2
0.1
3 or less
3.5 or less
5.5 or less
GFAB1
GFAB2
GFAB3
ABC
D
E
F
G
H
Model no.
JK
M2.5 effective thread depth 5.5 and over
M3 effective thread depth 6 and over
M4 effective thread depth 5.5 and over
1.6
depth 2.5 0.5
1.6
depth 2.5 0.5
2.1
depth 2.5 0.5
38 and over
46 and over
7 0.2
8 0.2
25 0.1
30 0.1
26 0.1
30 0.1
8.8 0.2
11.5 0.2
11 0.2
14.5 0.2
28 0.1
33 0.1
37 0.1
43 0.1
GFAB4
GFAB5
AB
C
D
E
F
G
H
Model no.
8 or less
11 or less
5 or less
7 or less
JK
L
M
M4 effective thread depth 9 and over
M5 effective thread depth 8 and over
2.6
depth 2.5 0.5
2.6
depth 2.5 0.5
Machining drawing, when 2 actuators are used.
Machining drawing, when 2 actuators are used.
A
n-K
2 x 2n-L
2n-J
2n-M
B
C
D
A
2n-H
B
C
D
2n-K
2n-J
0.1
0
0.1
0
0.1
0
0.1
0
0.1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22