| 전자부품 데이터시트 검색엔진 |
|
ICS8714004I 데이터시트(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS8714004I 데이터시트(HTML) 21 Page - Renesas Technology Corp |
|
21 / 32 page ![]() ICS8714004DKI REVISION A MARCH 24, 2014 21 ©2014 Integrated Device Technology, Inc. ICS8714004I Data Sheet FemtoCLock® Zero Delay Buffer/Clock Generator for PCI Express™ and Ethernet Recommendations for Unused Input and Output Pins Inputs: LVCMOS Control Pins: All control pins have internal pull-ups or pull-downs; additional resistance is not required but can be added for additional protection. A 1k resistor can be used. CLK/nCLK Inputs For applications not requiring the use of the differential input, both CLK and nCLK can be left floating. Though not required, but for additional protection, a 1k resistor can be tied from CLK to ground. MLVDS, nMLVDS Inputs For applications not requiring the use of the differential input, both MLVDS and nMLVDS can be left floating. Though not required, but for additional protection, a 1k resistor can be tied from MLVDS to ground. Outputs: Differential Outputs All unused differential outputs can be left floating. We recommend that there is no trace attached. Both sides of the differential output pair should either be left floating or terminated. M-LVDS Outputs All unused M-LVDS output pairs can be either left floating or terminated with 100 across. If they are left floating, there should be no trace attached. |