전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDP1802ACD3 데이터시트(PDF) 18 Page - Renesas Technology Corp

부품명 CDP1802ACD3
상세설명  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802ACD3 데이터시트(HTML) 18 Page - Renesas Technology Corp

Back Button CDP1802ACD3 Datasheet HTML 14Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 15Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 16Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 17Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 18Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 19Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 20Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 21Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 18 of 27
October 17, 2008
by connecting an RC network directly to the CLEAR pin, since it
has a Schmitt triggered input; see Figure 20.
PAUSE
Stops the internal CPU timing generator on the first negative
high-to-low transition of the input clock. The oscillator
continues to operate, but subsequent clock transitions are
ignored.
RUN
May be initiated from the Pause or Reset mode functions. If
initiated from Pause, the CPU resumes operation on the first
negative high-to-low transition of the input clock. When
initiated from the Reset operation, the first machine cycle
following Reset is always the initialization cycle. The
initialization cycle is then followed by a DMA (S2) cycle or
fetch (S0) from location 0000 in memory.
RUN-MODE STATE TRANSITIONS
The CPU state transitions when in the RUN and RESET
modes are shown in Figure 21. Each machine cycle requires
the same period of time, 8-clock pulses, except the
initialization cycle, which requires 9-clock pulses. The
execution of an instruction requires either two or three
machine cycles, S0 followed by a single S1 cycle or two S1
cycles. S2 is the response to a DMA request and S3 is the
interrupt response. Table 5 shows the conditions on Data
Bus and Memory Address lines during all machine states.
INSTRUCTION SET
The CPU instruction summary is given in Table 4.
Hexadecimal notation is used to refer to the 4-bit binary
codes.
In all registers bits are numbered from the least significant bit
(LSB) to the most significant bit (MSB) starting with 0.
R(W): Register designated by W, where:
W = N or X, or P
R(W).0: Lower order byte of R(W)
R(W).1: Higher order byte of R(W)
OPERATION NOTATION
M(R(N))
D; R(N) + 1  R(N)
This notation means: The memory byte pointed to by R(N) is
loaded into D, and R(N) is incremented by 1.
.
CLEAR
VCC
RS
C
CDP1802
3
THE RC TIME CONSTANT
SHOULD BE GREATER THAN
THE OSCILLATOR START-UP
TIME (TYPICALLY 20ms)
FIGURE 20. RESET DIAGRAM
FIGURE 21. STATE TRANSITION DIAGRAM
S2 DMA
S1 RESET
S1 EXECUTE
S0 FETCH
S3 INT
S1 INIT
DMA
DMA
DMA
INT
DMA
DMA
IDLE
DMA INT
FORCE S1
(LONG BRANCH,
DMA
IDLE INT
DMA
DMA
INT
DMA
LONG SKIP, NOP, ETC.)
PRIORITY: FORCE S0, S1
DMA IN
DMA OUT
INT
INT
DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com