전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDP1802ACD3 데이터시트(PDF) 19 Page - Renesas Technology Corp

부품명 CDP1802ACD3
상세설명  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802ACD3 데이터시트(HTML) 19 Page - Renesas Technology Corp

Back Button CDP1802ACD3 Datasheet HTML 15Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 16Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 17Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 18Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 19Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 20Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 21Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 22Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 19 of 27
October 17, 2008
TABLE 4. INSTRUCTION SUMMARY
(See Notes 11 through 16)
INSTRUCTION
MNEMONIC
OP
CODE
OPERATION
MEMORY REFERENCE
LOAD VIA N
LDN
0N
M(R(N))
 D; FOR N not 0
LOAD ADVANCE
LDA
4N
M(R(N))
 D; R(N) + 1  R(N)
LOAD VIA X
LDX
F0
M(R(X))
 D
LOAD VIA X AND ADVANCE
LDXA
72
M(R(X))
 D; R(X) + 1  R(X)
LOAD IMMEDIATE
LDl
F8
M(R(P))
 D; R(P) + 1  R(P)
STORE VIA N
STR
5N
D
 M(R(N))
STORE VIA X AND DECREMENT
STXD
73
D
 M(R(X)); R(X) - 1  R(X)
REGISTER OPERATIONS
INCREMENT REG N
INC
1N
R(N) + 1
 R(N)
DECREMENT REG N
DEC
2N
R(N) - 1
 R(N)
INCREMENT REG X
IRX
60
R(X) + 1
 R(X)
GET LOW REG N
GLO
8N
R(N).0
 D
PUT LOW REG N
PLO
AN
D
 R(N).0
GET HIGH REG N
GHl
9N
R(N).1
 D
PUT HIGH REG N
PHI
BN
D
 R(N).1
LOGIC OPERATIONS (Note 11)
OR
OR
F1
M(R(X)) OR D
 D
OR IMMEDIATE
ORl
F9
M(R(P)) OR D
 D; R(P) + 1  R(P)
EXCLUSIVE OR
XOR
F3
M(R(X)) XOR D
 D
EXCLUSIVE OR IMMEDIATE
XRI
FB
M(R(P)) XOR D
 D; R(P) + 1  R(P)
AND
AND
F2
M(R(X)) AND D
 D
AND IMMEDIATE
ANl
FA
M(R(P)) AND D
 D; R(P) + 1  R(P)
SHIFT RIGHT
SHR
F6
SHIFT D RIGHT, LSB(D)
 DF, 0  MSB(D)
SHIFT RIGHT WITH CARRY
SHRC
76
(Note 12)
SHIFT D RIGHT, LSB(D)
 DF, DF  MSB(D)
RING SHIFT RIGHT
RSHR
76
(Note 12)
SHIFT D RIGHT, LSB(D)
 DF, DF  MSB(D)
SHIFT LEFT
SHL
FE
SHIFT D LEFT, MSB(D)
 DF, 0  LSB(D)
SHIFT LEFT WITH CARRY
SHLC
7E
(Note 12)
SHIFT D LEFT, MSB(D)
 DF, DF  LSB(D)
RING SHIFT LEFT
RSHL
7E
(Note 12)
SHIFT D LEFT, MSB(D)
 DF, DF  LSB(D)
ARITHMETIC OPERATIONS (Note 11)
ADD
ADD
F4
M(R(X)) + D
 DF, D
ADD IMMEDIATE
ADl
FC
M(R(P)) + D
 DF, D; R(P) + 1  R(P)
ADD WITH CARRY
ADC
74
M(R(X)) + D + DF
 DF, D
ADD WITH CARRY, IMMEDIATE
ADCl
7C
M(R(P)) + D + DF
 DF, D; R(P) + 1  R(P)
SUBTRACT D
SD
F5
M(R(X)) - D
 DF, D
SUBTRACT D IMMEDIATE
SDl
FD
M(R(P)) - D
 DF, D; R(P) + 1  R(P)
SUBTRACT D WITH BORROW
SDB
75
M(R(X)) - D - (NOT DF)
 DF, D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com