전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MI030 데이터시트(PDF) 25 Page - Pico Technology Ltd.

부품명 MI030
상세설명  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

MI030 데이터시트(HTML) 25 Page - Pico Technology Ltd.

Back Button MI030 Datasheet HTML 21Page - Pico Technology Ltd. MI030 Datasheet HTML 22Page - Pico Technology Ltd. MI030 Datasheet HTML 23Page - Pico Technology Ltd. MI030 Datasheet HTML 24Page - Pico Technology Ltd. MI030 Datasheet HTML 25Page - Pico Technology Ltd. MI030 Datasheet HTML 26Page - Pico Technology Ltd. MI030 Datasheet HTML 27Page - Pico Technology Ltd. MI030 Datasheet HTML 28Page - Pico Technology Ltd. MI030 Datasheet HTML 29Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
6 GHz Network Metrology Training and Metrology Kits
The low-cost PicoVNA 106 opens up the potential for every student or trainee to learn
through the use of a full-function professional-grade vector network analyzer. The Pico
PQ186 Network Metrology Training Kit builds on this opportunity and supports a wide
variety of learning and experiment. Central to the kit is the separately available PQ189
Network Test PCA. This printed circuit accessory hosts a variety of example lumped
element, active and passive and transmission line DUTs and end-of-line SOLT (short-
open-load and through) calibration standards.
Used with the PicoVNA 106 or 108, the kit supports teaching objectives around reflection
and transmission measurements, S-parameters and other standard measurement
quantities. These can be presented and interpreted as log, linear, phase, real, imaginary,
polar and Smith chart formats and derived quantities group delay and time domain
transmission and reflection. Additionally, by including an active broadband amplifier
element (+5 V DC power required, 2.1 mm jack), nonlinear compression measurements
such as P1dB and AM to PM (phase due to amplitude modulation) can be explored using
the PicoVNA 106’s built-in measurement utilities.
Measurements and calibrations are made via industry-standard SMA connectors. These
support measurements out to 6 GHz and the teaching of best interconnection practice
and the importance of secure, repeatable and robust connections. Using the on-board
calibration standards the student can practice calibration for reflection, transmission
and 8- and 12-term corrections using short-open-load and the known and unknown
through methods.
Also included in the kit is a set of budget SMA(f) SOLT calibration standards (PQ190).
With these the student can calibrate at cable ends rather than on board. This supports
teaching and experiment around reference plane shift, normalization and the
de-embedding of feedlines and connections on the PCA. Assumed ‘ideal’ and typical
calibration data for these standards can be downloaded from picotech.com, along with
the comprehensive user’s and trainer’s guide and referenced instrument settings files.
Students with access to the AWR Design Environment can also download the Microwave
Office design project for the kit PCA. Pico’s Cadence AWR DE interface wizard can then
import real-world measured data directly to the project to allow measurement enhanced
simulation or comparison with the design simulations. Software development kit
examples are also available via GitHub (github.com/picotech) to import and work with
measured data in other CAD, test and programming environments such as MATLAB,
LabVIEW, C, C#, C++ and Python.
The Pico PQ186 Network Metrology Training Kit includes N(m) to SMA(f) inter-series
adaptors, SMA(m-m) test leads and fixed SMA wrenches – all that the student will need
to pair with the PicoVNA 106 (or any other VNA) to begin their practical learning. Printed
circuit layout of the network test PCA is generic to support modification to alternative
passive network and components.
PCA includes example attenuator,
broadband amplifier, 25 Ω mismatched
line, resistive power divider, lowpass
and bandpass filters and a user chip
component site, plus short, open, load and
through calibration elements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com