전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MI030 데이터시트(PDF) 32 Page - Pico Technology Ltd.

부품명 MI030
상세설명  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

MI030 데이터시트(HTML) 32 Page - Pico Technology Ltd.

Back Button MI030 Datasheet HTML 28Page - Pico Technology Ltd. MI030 Datasheet HTML 29Page - Pico Technology Ltd. MI030 Datasheet HTML 30Page - Pico Technology Ltd. MI030 Datasheet HTML 31Page - Pico Technology Ltd. MI030 Datasheet HTML 32Page - Pico Technology Ltd. MI030 Datasheet HTML 33Page - Pico Technology Ltd. MI030 Datasheet HTML 34Page - Pico Technology Ltd. MI030 Datasheet HTML 35Page - Pico Technology Ltd. MI030 Datasheet HTML 36Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Mixer measurements utility (PicoVNA 108 only)
External local oscillator and external power sensor support
A wide range of mixer performance and port isolation measurements can be carried out, including
swept RF or IF with a choice of low or high side LO. A PicoSource AS108 or a third-party signal
source is used as the external LO source, and this operates under the control of the PicoVNA 3 PC
application. The software also supports a third-party USB power sensor in the characterization of
port power.
Supported USB-controlled signal sources
Supported USB-controlled power sensors
PicoSource® AS108
Agilent/Keysight U8480, U2000
MiniCircuits SSG-15G, SSG-6000, SSG-6001
Rohde & Schwarz NRP8S, NRP8SN, NRP18S
TTi TGR 6000
Contact Pico if you’d like us to consider support for your choice of external USB signal generator or
power sensor.
VSWR correction
Mixers can be difficult to measure
accurately particularly when mixer
port match is relatively poor. The
PicoVNA 108 mixer measurement
calibration includes the option of
VSWR error correction. This reduces
the conversion loss measurement
uncertainty as typically shown in the
diagram.
Mixer compression
Conversion loss change as a function of the input RF level is easily determined. This can be
referenced either to the port power uncertainty of the PicoVNA, or you can use a third-party power
sensor (above) to pre-characterize the PicoVNA 108 port power for enhanced accuracy. The 0.1 and
1 dB compression points are displayed on completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com