전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PQ254 데이터시트(PDF) 21 Page - Pico Technology Ltd.

부품명 PQ254
상세설명  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ254 데이터시트(HTML) 21 Page - Pico Technology Ltd.

Back Button PQ254 Datasheet HTML 17Page - Pico Technology Ltd. PQ254 Datasheet HTML 18Page - Pico Technology Ltd. PQ254 Datasheet HTML 19Page - Pico Technology Ltd. PQ254 Datasheet HTML 20Page - Pico Technology Ltd. PQ254 Datasheet HTML 21Page - Pico Technology Ltd. PQ254 Datasheet HTML 22Page - Pico Technology Ltd. PQ254 Datasheet HTML 23Page - Pico Technology Ltd. PQ254 Datasheet HTML 24Page - Pico Technology Ltd. PQ254 Datasheet HTML 25Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
PicoScope® 6000E Series
Time-stamping
The PicoScope 6000E Series features
hardware-based trigger time-stamping.
Each waveform can be time-stamped with the
time in sample intervals from the previous
waveform.
Fast trigger rearm times are possible down to
300 ns (typical).
Hardware acceleration engine (HAL4)
Some oscilloscopes struggle when you enable deep memory; the screen update rate
slows and the controls become unresponsive. The PicoScope 6000E Series avoids this
limitation with the use of a dedicated fourth-generation hardware acceleration (HAL4)
engine inside the oscilloscope.
Its massively parallel design effectively creates the waveform image to be displayed on
the PC screen and allows the continuous capture and display to the screen of 2.5 billion
samples every second.
The hardware acceleration engine eliminates any concerns about the USB connection or
PC processor performance being a bottleneck.
Time from first trigger in
circular buffer to current trigger
Time from previous trigger to
current trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39