전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PQ254 데이터시트(PDF) 8 Page - Pico Technology Ltd.

부품명 PQ254
상세설명  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ254 데이터시트(HTML) 8 Page - Pico Technology Ltd.

Back Button PQ254 Datasheet HTML 4Page - Pico Technology Ltd. PQ254 Datasheet HTML 5Page - Pico Technology Ltd. PQ254 Datasheet HTML 6Page - Pico Technology Ltd. PQ254 Datasheet HTML 7Page - Pico Technology Ltd. PQ254 Datasheet HTML 8Page - Pico Technology Ltd. PQ254 Datasheet HTML 9Page - Pico Technology Ltd. PQ254 Datasheet HTML 10Page - Pico Technology Ltd. PQ254 Datasheet HTML 11Page - Pico Technology Ltd. PQ254 Datasheet HTML 12Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PicoScope® 6000E Series
PicoScope 6 software - mixed-signal (MSO) operation
The PicoScope 6000E Series adds up to 16 digital channels to the existing analog channels with the optional 8-channel TA369 MSO pods, enabling you to accurately time-correlate
analog and digital channels. Digital channels may be grouped and displayed as a bus, with each bus value displayed in hex, binary or decimal or as a level (for DAC testing). You can
set advanced triggers across both the analog and digital channels.
The digital inputs also bring extra power to the serial decoding options. You can decode serial data on all analog and digital channels simultaneously, giving you up to 24 channels
of data – for example decoding multiple SPI, I²C, CAN bus, LIN bus and FlexRay signals all at the same time.
Serial decoding: Hover
over packet data to view
summary.
Analog waveforms:
View analog waveforms
time-correlated with digital
inputs.
Oscilloscope controls:
PicoScope’s full analog-domain controls, including
zoom, filtering, and function generator, are all
available in MSO digital signal mode.
Display format:
Display selected
bits individually
or as groups in
binary, hex or
decimal format.
Split-screen
display:
PicoScope can
display both
analog and
digital signals
at the same
time. The split-
screen display
can be adjusted
to give more
or less space
to the analog
waveforms.
Show by level:
Group bits into
fields and then
display as an
analog level.
Rename:
The digital
channels and
groups can be
renamed. You
can expand or
collapse groups in
the digital view.
Digital channels button:
Set up and display digital
inputs. View analog and digital
signals on the same timebase.
Advanced
triggers:
Additional
Digital and Logic
trigger options
are available for
digital channels.
Rulers:
Drawn across
both analog and
digital panes so
signal timings can
be compared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39