전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMC62D0SV 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 DMC62D0SV
상세설명  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC62D0SV 데이터시트(HTML) 4 Page - Diodes Incorporated

  DMC62D0SV Datasheet HTML 1Page - Diodes Incorporated DMC62D0SV Datasheet HTML 2Page - Diodes Incorporated DMC62D0SV Datasheet HTML 3Page - Diodes Incorporated DMC62D0SV Datasheet HTML 4Page - Diodes Incorporated DMC62D0SV Datasheet HTML 5Page - Diodes Incorporated DMC62D0SV Datasheet HTML 6Page - Diodes Incorporated DMC62D0SV Datasheet HTML 7Page - Diodes Incorporated DMC62D0SV Datasheet HTML 8Page - Diodes Incorporated DMC62D0SV Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DMC62D0SV
Document number: DS39751 Rev. 2 - 3
4 of 10
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMC62D0SV
Typical Performance Characteristics
– Q1 N-CHANNEL
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 2.6V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 5V
GS
V
= 4V
GS
V
= 3.2V
GS
V
= 3V
GS
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristic
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 5.0V
DS
T = 150°C
J
T = 125°C
J
T = 85°C
J
T = 25°C
J
T = -55°C
J
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
0.5
1
1.5
2
2.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
I
= 200mA
D
I
= 500mA
D
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
0
0.5
1
1.5
2
2.5
3
3.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
V
= 10V
GS
T = 125°C
J
T = 85°C
J
T = 25°C
J
T = -55°C
J
T = 150°C
J
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
GS
I
= 200mA
D
V
= 10V
GS
I = 500mA
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com