전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMC62D0SV 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 DMC62D0SV
상세설명  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC62D0SV 데이터시트(HTML) 1 Page - Diodes Incorporated

  DMC62D0SV Datasheet HTML 1Page - Diodes Incorporated DMC62D0SV Datasheet HTML 2Page - Diodes Incorporated DMC62D0SV Datasheet HTML 3Page - Diodes Incorporated DMC62D0SV Datasheet HTML 4Page - Diodes Incorporated DMC62D0SV Datasheet HTML 5Page - Diodes Incorporated DMC62D0SV Datasheet HTML 6Page - Diodes Incorporated DMC62D0SV Datasheet HTML 7Page - Diodes Incorporated DMC62D0SV Datasheet HTML 8Page - Diodes Incorporated DMC62D0SV Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DMC62D0SV
Document number: DS39751 Rev. 2 - 3
1 of 10
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMC62D0SV
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Device
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
Q1
60V
1.7
Ω @ VGS = 10V
571mA
3
Ω @ VGS = 4.5V
430mA
Q2
-50V
6
Ω @ VGS = -10V
-304mA
8
Ω @ VGS = -5V
-263mA
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)), yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
General Purpose Interfacing Switch
Power Management Functions
Analog Switch
Features and Benefits
 Low On-Resistance
 Low Input Capacitance
 Fast Switching Speed
 Low Input/Output Leakage
 Ultra-Small Surface Mount Package
 ESD Protected Gate
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
 Case: SOT563
 Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
 Moisture Sensitivity: Level 1 per J-STD-020
 Terminal Connections: See Diagram
 Terminals: Finish – Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
 Weight: 0.003 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMC62D0SV-7
SOT563
3,000/Tape & Reel
DMC62D0SV-13
SOT563
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html f
or more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
Code
D
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom View
Equivalent Circuit
62S = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
SOT563
Top View
ESD PROTECTED
S
2
D
2
D
1
S
1
G
2
G
1
Q1 N-CHANNEL
Q2 P-CHANNEL
D1
S1
G1
Gate Protection
Diode
D2
S2
G2
Gate Protection
Diode
62S YM
e3
NOT RECOMMENDED FOR NEW DESIGN
CONTACT US


유사한 부품 번호 - DMC62D0SV

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor
DMC6224 ASI-DMC6224 Datasheet
18Kb / 1P
SCHOTTKY BARRIER DIODE
More results

유사한 설명 - DMC62D0SV

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 6
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC2041UFDB DIODES-DMC2041UFDB Datasheet
659Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com