전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54HC4051F3A 데이터시트(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
부품명 CD54HC4051F3A
상세설명  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4051F3A 데이터시트(HTML) 34 Page - Texas Instruments

Back Button CD54HC4051F3A Datasheet HTML 30Page - Texas Instruments CD54HC4051F3A Datasheet HTML 31Page - Texas Instruments CD54HC4051F3A Datasheet HTML 32Page - Texas Instruments CD54HC4051F3A Datasheet HTML 33Page - Texas Instruments CD54HC4051F3A Datasheet HTML 34Page - Texas Instruments CD54HC4051F3A Datasheet HTML 35Page - Texas Instruments CD54HC4051F3A Datasheet HTML 36Page - Texas Instruments CD54HC4051F3A Datasheet HTML 37Page - Texas Instruments CD54HC4051F3A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Jul-2023
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD74HC4052PWT
TSSOP
PW
16
250
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD74HC4053M96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD74HC4053M96
SOIC
D
16
2500
330.0
16.8
6.5
10.3
2.1
8.0
16.0
Q1
CD74HC4053M96G3
SOIC
D
16
2500
330.0
16.8
6.5
10.3
2.1
8.0
16.0
Q1
CD74HC4053M96G4
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD74HC4053NSR
SO
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
CD74HC4053PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD74HC4053PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD74HC4053PWRG4
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD74HC4053PWT
TSSOP
PW
16
250
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD74HCT4051M96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD74HCT4052M96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD74HCT4053M96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD74HCT4053PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD74HCT4053PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD74HCT4053PWRG4
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD74HCT4053PWT
TSSOP
PW
16
250
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49