전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FKBA4204 데이터시트(PDF) 1 Page - FETek Technology Corp.

부품명 FKBA4204
상세설명  Dual N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FETEK [FETek Technology Corp.]
홈페이지  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA4204 데이터시트(HTML) 1 Page - FETek Technology Corp.

  FKBA4204 Datasheet HTML 1Page - FETek Technology Corp. FKBA4204 Datasheet HTML 2Page - FETek Technology Corp. FKBA4204 Datasheet HTML 3Page - FETek Technology Corp. FKBA4204 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA4204
Dual N-Channel Enhancement Mode MOSFET
11
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current1
30
A
ID@TC=100℃
Continuous Drain Current1
20
A
ID@TA=25℃
Continuous Drain Current1
9.6
A
ID@TA=70℃
Continuous Drain Current1
8
A
IDM
Pulsed Drain Current2
100
A
EAS
Single Pulse Avalanche Energy3
31
mJ
IAS
Avalanche Current
25
A
PD@TC=25℃
Total Power Dissipation4
20.8
W
PD@TA=25℃
Total Power Dissipation4
2
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
62.5
℃/W
RθJC
Thermal Resistance Junction-Case1
---
6
℃/W
BVDSS
RDSON
ID
40V
15
30A
Absolute Maximum Ratings
Thermal Data
The FKBA4204 is the high cell density trenched
N-ch MOSFETs, which provide excellent RDSON
and gate charge for most applications.
The FKBA4204 meet the RoHS and Green
Product requirement, 100% EAS guaranteed with
full function reliability approved.
Description
Product Summary
 100% EAS Guaranteed
 Green Device Available
 Super Low Gate Charge
 Excellent CdV/dt effect decline
 Advanced high cell density Trench
technology
PRPAK5X6 Pin Configuration


유사한 부품 번호 - FKBA4204

제조업체부품명데이터시트상세설명
logo
FETek Technology Corp.
FKBA4206 FETEK-FKBA4206 Datasheet
434Kb / 4P
Dual N-Ch 40V Fast Switching MOSFETs
Ver : A
More results

유사한 설명 - FKBA4204

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com